Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3624ARDZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3624ARDZ
Description  High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3624ARDZ Datasheet(HTML) 2 Page - Analog Devices

  ADP3624ARDZ Datasheet HTML 1Page - Analog Devices ADP3624ARDZ Datasheet HTML 2Page - Analog Devices ADP3624ARDZ Datasheet HTML 3Page - Analog Devices ADP3624ARDZ Datasheet HTML 4Page - Analog Devices ADP3624ARDZ Datasheet HTML 5Page - Analog Devices ADP3624ARDZ Datasheet HTML 6Page - Analog Devices ADP3624ARDZ Datasheet HTML 7Page - Analog Devices ADP3624ARDZ Datasheet HTML 8Page - Analog Devices ADP3624ARDZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADP3623/ADP3624/ADP3625/ADP3633/ADP3634/ADP3635
Rev. A | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing
.......................................................
.... ..... 4
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 9
Test Circuit ...................................................................................... 11
Theory of Operation ...................................................................... 12
Input Drive Requirements (INA, INA, INB, INB, and SD).. 12
Low-Side Drivers (OUTA, OUTB) .......................................... 12
Shutdown (SD) Function .......................................................... 12
Overtemperature Protections ................................................... 12
Supply Capacitor Selection ....................................................... 13
PCB Layout Considerations...................................................... 13
Parallel Operation ...................................................................... 13
Thermal Considerations............................................................ 14
Outline Dimensions....................................................................... 15
Ordering Guide .......................................................................... 16
REVISION HISTORY
7/09—Rev. 0 to Rev. A
Added ADP3623, ADP3625, ADP3633, and
ADP3635..............................................................................Universal
Changes to Features Section, General Description Section,
and Figure 1....................................................................................... 1
Changes to Table 1............................................................................ 3
Added Figure 4; Renumbered Sequentially .................................. 4
Added Figure 7.................................................................................. 7
Added Table 3; Renumbered Sequentially .................................... 7
Added Figure 9 and Table 5............................................................. 8
Changes to Figure 10........................................................................ 9
Changes to Figure 16 to Figure 19 Captions............................... 10
Changes to Figure 20...................................................................... 11
Changes to Figure 21, Input Drive Requirements (INA,
INA, INB,
5/09—Revision 0: Initial Version
INB, and SD) Section, and Figure 22........................ 12
Changes to Figure 23 and Parallel Operation Section............... 13
Changes to Design Example Section ........................................... 14
Changes to Ordering Guide.......................................................... 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com