Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0151 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0151
Description  GaAs SPDT Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0151 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0151 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0151 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0151 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V5
MASWSS0151
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Insertion Loss: 0.65 dB @ 2.4 GHz
• Isolation: 24 dB @ 2.4 GHz
• Low Current Consumption: <10 μA @ -3 V
• Lead-Free SOT-363 Plastic Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of the SW-438
Description
M/A-COM’s MASWSS0151 is a GaAs MMIC SPDT
switch in a low cost, lead-free SC70 (SOT-363)
surface mount plastic package. The MASWSS0151
is ideally suited for applications that include
transmit / receive switching for Bluetooth and WLAN
equipment.
The MASWSS0151 can also be used in applications
up to 500 mW in cellular, PCS, DCS1800, GSM,
CDMA, and other analog and digital wireless
communications systems.
The MASWSS0151 is fabricated using a 0.5 micron
gate length GaAs PHEMT process. The process
features full passivation for performance and
reliability.
Pin No.
Function
Description
1
RF1
RF Input / Output
2
GND
RF Ground
3
RF2
RF Input / Output
4
V2
Control 2 Input
5
RFC
RF Common Input
6
V1
Control 1 Input
Pin Configuration
Ordering Information
1
Part Number
Package
MASWSS0151
Bulk Packaging
MASWSS0151TR-3000
3000 piece reel
MASWSS0151SMB
Sample Board
(Includes 5 Samples)
1. Reference Application Note M513 for reel size information.
Functional Schematic
V1
RFC
V2
RF1
GND
RF2
Pin 1
Parameter
Absolute Maximum
Input Power (1 GHz)
+32 dBm
Operating Voltage
+8 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
2,3
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASWSS0151

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0151 MACOM-MASWSS0151 Datasheet
95Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0151 MA-COM-MASWSS0151 Datasheet
104Kb / 3P
GaAs SPDT Switch
MASWSS0151 MA-COM-MASWSS0151 Datasheet
627Kb / 4P
GaAs SPDT Switch
logo
Tyco Electronics
MASWSS0151SMB MACOM-MASWSS0151SMB Datasheet
95Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0151SMB MA-COM-MASWSS0151SMB Datasheet
627Kb / 4P
GaAs SPDT Switch
More results

Similar Description - MASWSS0151

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
MASWSS0192 MACOM-MASWSS0192 Datasheet
204Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0115 MACOM-MASWSS0115 Datasheet
123Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MA-COM-MASWSS0136 Datasheet
94Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192_15 Datasheet
692Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com