Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2290 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC2290
Description  TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS)(LOW SUPPLY VOLTAGE USE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2290 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC2290 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2290 Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 2SC2290

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2290A TOSHIBA-2SC2290A Datasheet
197Kb / 3P
2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS (LOW SUPPLY VOLTAGE USE)
2SC2290A TOSHIBA-2SC2290A Datasheet
192Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE
2SC2290A TOSHIBA-2SC2290A_07 Datasheet
192Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE
More results

Similar Description - 2SC2290

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2099 TOSHIBA-2SC2099 Datasheet
142Kb / 2P
TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS) (LOW SUPPLY VOLTAGE USE)
2SC2395 TOSHIBA-2SC2395 Datasheet
140Kb / 2P
TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS)(LOW SUPPLY VOLTAGE USE)
2SC2510 TOSHIBA-2SC2510 Datasheet
137Kb / 2P
TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS (28v SUPPLY VOLTAGE USE)
2SC2879 TOSHIBA-2SC2879 Datasheet
134Kb / 2P
TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS)(LOW SUPPLY VOLTAGE USE)
2SC2882 TOSHIBA-2SC2882 Datasheet
160Kb / 3P
TRANSISTOR (POWER, VOLTAGE AMPLIFIER APPLICATIONS)
2SC2290A TOSHIBA-2SC2290A Datasheet
197Kb / 3P
2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS (LOW SUPPLY VOLTAGE USE)
2SC2879A TOSHIBA-2SC2879A Datasheet
189Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE 2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS (LOW SUPPLY VOLTAGE USE)
2SC1763 TOSHIBA-2SC1763 Datasheet
60Kb / 2P
2~30MHz SSB LINEAR PWER AMPLIFIER APPLICATIONS.
2SC1764 TOSHIBA-2SC1764 Datasheet
63Kb / 2P
2~30MHz SSB LINEAR PWER AMPLIFIER APPLICATIONS.
2SC2531 TOSHIBA-2SC2531 Datasheet
141Kb / 2P
2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS. (28V SUPPLY VOLTAGE USE)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com