Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0166 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0166
Description  GaAs SPDT Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0166 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0166 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0166 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0166 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V2
MASWSS0166
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
dB
dB
0.3
0.4
0.55
0.4
0.5
0.7
Isolation
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
dB
dB
19
13
10
21
15
12
VSWR
DC - 3 GHz
Ratio
1.2:1
P1dB
500 MHz - 3 GHz,
⏐Vc⏐ = 2.7 V
dBm
24
P1dB
500 MHz - 3 GHz,
⏐Vc⏐ = 5 V
dBm
27
Input IP2
2-Tone, 900 MHz, 5 MHz spacing,
⏐Vc⏐ = 2.7 V
dBm
81
Input IP3
2-Tone 900 MHz, 5 MHz spacing,
⏐Vc⏐ = 2.7V
dBm
55
Trise, Tfall
Ton, Toff
Transients
10% to 90% RF, 90% to 10% RF
50% Control to 90% RF, 50% Control to 10% RF
In-Band
nS
nS
mV
10
20
10
Control Current
⏐Vc⏐ = 2.5 V
µA
4
15
Electrical Specifications: TA = 25°C, Vc = 0 V / -2.5 V, Z0 = 50Ω
4
4. For positive voltage control, external DC blocking capacitors are required on all RF ports.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be dam-
aged by static electricity. Proper ESD control tech-
niques should be used when handling these de-
vices.
Truth Table
5,6
V1
V2
RFC-RF1
RFC-RF2
0
1
On
Off
1
0
Off
On
5. Differential voltage, V(state 1) - V(state 0), must be
+2.5 V minimum and must not exceed 8 V.
6. 0 = -8 V to 0 V, 1 = -5.5 V to 8 V
Lead-Free SOT-363 Plastic Package
† Reference Application Note M538 for lead-free solder reflow
recommendations.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com