Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0167 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0167
Description  2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0167 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0167 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0167 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0167 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
2.5 V GaAs SPDT Switch
0.5 - 3.0 GHz
Rev. V2
MASWSS0167
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, VC = 0 V / +2.5 V, Z0 = 50 Ω
4
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
5
1 GHz
2 GHz
3 GHz
dB
dB
dB
0.30
0.40
0.50
0.50
Isolation
1 GHz
2 GHz
3 GHz
dB
dB
dB
23
25
27
24
VSWR
0.5 - 3.0 GHz
Ratio
1.1
IP3
Two Tone, +10 dBm/tone, 5 MHz Spacing, > 50 MHz
dBm
48
P1dB
dBm
28
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
30
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
nS
35
Transients
In Band
mV
60
Control Current
|VC| = 2.5 V
µA
1
5
Linear Pout
2.5 GHz, OFDM, QAM-64,54Mbps, EVM=2.5%
2.5 V
3.0 V
5.0 V
dBm
dBm
dBm
21.0
23.5
28.5
4. For positive voltage control, external DC blocking capacitors are required on all RF ports.
5. Insertion Loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 500 MHz, 39 pF for 0.5 - 3 GHz.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
V1
V2
RFC - RF1
RFC - RF2
0
1
On
Off
1
0
Off
On
Truth Table
6
6. 0 = 0 ± 0.2 V, 1 = 2.5 to 5 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com