Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

809-065C Datasheet(PDF) 7 Page - Glenair, Inc.

Part # 809-065C
Description  Contacts and Tools Crimp Contacts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

809-065C Datasheet(HTML) 7 Page - Glenair, Inc.

  809-065C Datasheet HTML 1Page - Glenair, Inc. 809-065C Datasheet HTML 2Page - Glenair, Inc. 809-065C Datasheet HTML 3Page - Glenair, Inc. 809-065C Datasheet HTML 4Page - Glenair, Inc. 809-065C Datasheet HTML 5Page - Glenair, Inc. 809-065C Datasheet HTML 6Page - Glenair, Inc. 809-065C Datasheet HTML 7Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
A-8
E-Mail: sales@glenair.com
Series 80 “Mighty Mouse”
Contacts and Tools
Pneumatic Contacts 857-010 and 857-011
Size #12 Pneumatic Contacts
Stainless steel pneumatic contacts attach to 3/32 inch (2.38) diameter tubing. Socket contact has
o-ring and PTFE backup washers. Contacts snap into size #12 connector cavities. Ideal for pitot tube
connections, these pneumatic contacts are rated for 100 PSI maximum air pressure. No installation
tool is required. Remove contacts with plastic extraction tool 809-132.
Contact Type
Tube I.D.
Part Number
Pin
.094 (2.38)
857-011
Socket
.094 (2.38)
857-010
857-011 Pin Contact
857-010 Socket Contact
#12 Pin Contact
#12 Socket Contact
.289/.279
(7.34/7.09)
.85 (21.6)
.033/.029
(0.83/0.74)
Ø.161 (4.09) MAX
Ø.182/.179
(4.62/4.54)
Ø.151/.148
(3.84/3.76)
Ø.086/.084
(2.18/2.13)
Ø.135/.132
(3.43/3.35)
.300/.295
(7.62/7.49)
.093/.095
(2.36/2.41)
.050
(1.27)
Ø.080/.077
(2.03/1.96)
.033/.029
(0.83/0.74)
Ø.182/.179
(4.62/4.54)
Ø.151/.148
(3.84/3.76)
Ø.135/.132
(3.43/3.35)
.85 (21.6)
Material and Finish
Body and Cap: stainless steel, passivated
O-ring: fluorosilicone
Washers: PTFE
Rev. 03-FEB-2009



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com