Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

809-002 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 809-002
Description  Contacts and Tools Crimp Contacts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

809-002 Datasheet(HTML) 1 Page - Glenair, Inc.

  809-002 Datasheet HTML 1Page - Glenair, Inc. 809-002 Datasheet HTML 2Page - Glenair, Inc. 809-002 Datasheet HTML 3Page - Glenair, Inc. 809-002 Datasheet HTML 4Page - Glenair, Inc. 809-002 Datasheet HTML 5Page - Glenair, Inc. 809-002 Datasheet HTML 6Page - Glenair, Inc. 809-002 Datasheet HTML 7Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
A-2
E-Mail: sales@glenair.com
#23 Pin Contact
#23 Socket Contact
Standard size #23 contacts accept #22 to #28 AWG wire. Choose "small bore" versions for #26 to #30
AWG wire. For thermocouple applications, specify alumel or chromel contacts. Contacts are bulk
packaged. Terminate with standard M22520 crimper with special positioner.
Size #23 Crimp Contacts
Contact
Type
Wire Size
Material
Part Number
Ø A
Color
Band
Tool
Code
In.
mm.
Pin
#22 – #28 BeCu
809-001
.0335-.0355
0.851-0.902
None
A, C
Pin
#26 – #30 BeCu
809-042
.0229-.0245
0.582-0.622
Blue
A, D
Pin
#22 – #28 Alumel
809-065A
.0335-.0355
0.851-0.902
None
A, C
Pin
#22 – #28 Chromel
809-065C
.0335-.0355
0.851-0.902
None
A, C
Socket
#22 – #28 BeCu
809-002
.0335-.0355
0.851-0.902
None
A, C
Socket
#26 – #30 BeCu
809-043
.0229-.0245
0.582-0.622
Blue
A, D
Socket
#22 – #28 Alumel
809-066A
.0335-.0355
0.851-0.902
None
A, C
Socket
#22 – #28 Chromel
809-066C
.0335-.0355
0.851-0.902
None
A, C
Ø .0275 (0.699)
.0265 (0.673)
SPHERICAL RADIUS
.015 (0.38) MAX FLAT
.289 (7.34)
.283 (7.19)
.034 (0.86)
.029 (0.74)
.165 (4.19)
.160 (4.06)
Ø A
Ø .048 (1.22)
.044 (1.12)
Ø .056 (1.42)
MAX
COLOR
BAND
Ø A
Ø .048 (1.22)
.044 (1.12)
.440 (11.18)
MAX
COLOR
BAND
HOOD
Ø .053
(1.35)
MAX
.275 (6.99)
.265 (6.73)
.031 (0.79)
.025 (0.64)
.055 (1.40)
MAX
#23 Pin
Contact
CRIMP TENSILE STRENGTH
Values are in pounds and are minimums.
Wire
Gage
Silver or Tin
Coated Copper
Wire
Nickel
Coated
Copper Wire
#22
12
8
#24
8
6
#26
5
3
#28
3
2
#30
1.5
1.5
Material and Finish
Beryllium copper alloy per ASTM B196 or B197, 50 microinches gold plated per ASTM B488 Type 3 Code C
Class 1,27 over nickel plate per QQ-N-290 Class 2, 50-100 microinches.
Thermocouple contacts: alumel or chromel alloy, unplated, per ANSI 96.1
Socket contact hood: stainless steel, passivated per AMS-QQ-P-35.
Specifications
Current Rating: 5 Amps maximum
Voltage Drop (at 5 Amps and 25° C): 70 millivolts maximum
Temperature Range: -65° to + 200° C
Socket Contact Minimum Separation Force: 0.5 ounces
Crimp Tools and Insertion/Removal Tools
Crimper: 809-015
Positioner: 809-005 (standard). Use P/N 809-057 for small bore contacts 809-065 and 809-066
Standard Insertion/Removal Tool: 809-088
#23 Socket
Contact
Series 80 “Mighty Mouse”
Contacts and Tools
Size #23 Crimp Contacts
Rev. 03-FEB-2009


Similar Part No. - 809-002

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
809-002 GLENAIR-809-002 Datasheet
131Kb / 1P
Electrical Socket Contact
More results

Similar Description - 809-002

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
854-002-01 GLENAIR-854-002-01 Datasheet
352Kb / 1P
Crimp Quadrax Pin and Socket Contacts
logo
Yamaichi Electronics Co...
ZS2-HS YAMAICHI-ZS2-HS Datasheet
54Kb / 1P
Housing (Single or Dual Row) and Crimp Contacts
logo
Amphenol Corporation
VN010160011 AMPHENOL-VN010160011 Datasheet
76Kb / 3P
Crimp contacts Pin
logo
PHOENIX CONTACT
1405233 PHOENIX-1405233 Datasheet
87Kb / 1P
HOUSING WITH CRIMP CONTACTS FRONT MOUNTING
1405244 PHOENIX-1405244 Datasheet
93Kb / 1P
HOUSING WITH CRIMP CONTACTS FRONT MOUNTING
logo
FCI connector
86566520064LF FCI-CONNECTOR-86566520064LF Datasheet
534Kb / 2P
CRIMP CONTACTS
logo
Glenair, Inc.
240-383Q GLENAIR-240-383Q Datasheet
118Kb / 2P
Plug with Crimp Removable Contacts
242-383S GLENAIR-242-383S Datasheet
220Kb / 2P
Jam Nut Receptacle with Crimp Contacts
logo
Lapp.
11147000 LAPP-11147000 Datasheet
269Kb / 2P
EPIC® TOOLS FOR CONTACTS
17.09.2018
44420260 LAPP-44420260 Datasheet
203Kb / 2P
EPIC® POWERLOCK CRIMP CONTACTS
12.05.2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com