Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAATCC0013 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAATCC0013
Description  Voltage Variable Attenuator 824 - 960 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATCC0013 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAATCC0013 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATCC0013 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATCC0013 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATCC0013 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATCC0013 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Voltage Variable Attenuator
824 - 960 MHz
Rev. V3
MAATCC0013
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 25 dB Attenuation Range
• High IP3
• Excellent Linearity Performance
• Low Cost/High Performance
• 50 Ohm Nominal Impedance
• Lead-Free SOT-25 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AT65-0009
Description
M/A-COM’s MAATCC0013 is an integrated voltage
variable attenuator containing two PIN diodes and a
passive glass quadrature hybrid.
This device is
packaged in a 5 leaded SOT plastic surface mount
package. Maximum attenuation is typically achieved
at 3.5 V bias using the suggested bias circuit. The
MAATCC0013 is ideally suited for GSM communica-
tion applications requiring variable attenuation in the
824 to 960 MHz bandwidth.
Ordering Information
Part Number
Package
MAATCC0013
Bulk Packaging
MAATCC0013TR
1000 piece reel
MAATCC0013-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Diagram and Bias Circuitry
Pin Configuration
Pin No.
Function
1
RFIN, VB
2
GND
3
RFOUT, VB
4
GND
5
GND
* Restrictions on Hazardous Substances, European
Union Directive 2002/95/EC.
GND
RF IN
RF OUT
C1
C2
VB
L2
L1
C3
C4
GND
GND
R1
PIN 1
PIN 3
C6
C5
1. All external circuitry parts are readily available, low cost
surface mount components (.060 in. x .030 in. or .080 in.
x .050 in.).
2. See Application Note MA-C-05010008A for external tuning
capacitor values to suit specific Communication Bandwidths.
Insertion Loss will vary depending on tuning capacitor value
chosen.
Part
Value
Purpose
C1
390 pF
DC Block
C2
390 pF
DC Block
C3
390 pF
By-pass
C4
390 pF
By-pass
L1
180 nH
RF Choke
L2
180 nH
RF Choke
R1
10 KOhm
Current Limiting
C5
2
1.5 pF
RF Tune
C6
2
1.5 pF
RF Tune
External Circuitry Parts
1


Similar Part No. - MAATCC0013

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATCC0013 MACOM-MAATCC0013 Datasheet
203Kb / 5P
Voltage Variable Attenuator 824 - 960 MHz
logo
M/A-COM Technology Solu...
MAATCC0013 MA-COM-MAATCC0013 Datasheet
91Kb / 5P
Voltage Variable Attenuator
MAATCC0013 MA-COM-MAATCC0013 Datasheet
730Kb / 6P
Voltage Variable Attenuator
logo
Tyco Electronics
MAATCC0013-TB MACOM-MAATCC0013-TB Datasheet
203Kb / 5P
Voltage Variable Attenuator 824 - 960 MHz
logo
M/A-COM Technology Solu...
MAATCC0013-TB MA-COM-MAATCC0013-TB Datasheet
730Kb / 6P
Voltage Variable Attenuator
More results

Similar Description - MAATCC0013

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0008 MACOM-AT65-0008 Datasheet
262Kb / 5P
Voltage Variable Attenuator, 900 - 2500 MHz
AT65-0009 MACOM-AT65-0009 Datasheet
225Kb / 4P
Voltage Variable Attenuator 824 - 960 MHz
AT65-0009 MACOM-AT65-0009_1 Datasheet
395Kb / 4P
Voltage Attenuator,824 - 960 MHz
MAATCC0013 MACOM-MAATCC0013 Datasheet
203Kb / 5P
Voltage Variable Attenuator 824 - 960 MHz
MAAV-007087-000100 MACOM-MAAV-007087-000100 Datasheet
220Kb / 4P
Voltage Variable Attenuator 900 - 2500 MHz
MAAV-007089-000100 MACOM-MAAV-007089-000100 Datasheet
214Kb / 4P
Voltage Variable Attenuator 800 - 1000 MHz
MAAV-007090-000100 MACOM-MAAV-007090-000100 Datasheet
216Kb / 4P
Voltage Variable Attenuator 1700 - 2000 MHz
MAAV-007091-000100 MACOM-MAAV-007091-000100 Datasheet
251Kb / 5P
Voltage Variable Attenuator 1700 - 2200 MHz
MAAV-007092-000100 MACOM-MAAV-007092-000100 Datasheet
231Kb / 4P
Voltage Variable Attenuator 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AT65-0009 MA-COM-AT65-0009 Datasheet
90Kb / 5P
Voltage Variable Attenuator 824 - 960 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com