Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAATSS0001SMB Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0001SMB
Description  Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0001SMB Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATSS0001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATSS0001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
Digital Attenuator, 5-Bit, 15.5 dB
400 - 2500 MHz
Rev. V7
MAATSS0001
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Step size (high frequency)
Step size (low frequency)
IIP3, +3 V, at 0 dB Attenuation Setting
IIP3, +5 V, vs. Attenuation Setting
Sample Board Loss
0.0
0.2
0.4
0.6
0.8
1.0
048
12
16
250 MHz
400 MHz
900 MHz
Attenuation Setting (dB)
0.0
0.2
0.4
0.6
0.8
1.0
048
12
16
1900 MHz
2200 MHz
2500 MHz
Attenuation Setting (dB)
30
35
40
45
50
55
500
1000
1500
2000
2500
+25ºC
-40ºC
+85ºC
Frequency (MHz)
IIP3, +5 V, at 0 dB Attenuation Setting
30
35
40
45
50
55
500
1000
1500
2000
2500
0 dB
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
Frequency (MHz)
0.0
0.1
0.2
0.3
0.4
0.5
0
500
1000
1500
2000
2500
+25ºC
-40ºC
+85ºC
Frequency (MHz)
30
35
40
45
50
55
500
1000
1500
2000
2500
+25ºC
-40ºC
+85ºC
Frequency (MHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com