Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAATSS0020 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0020
Description  Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0020 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0020 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0020 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0020 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Digital Attenuator, 31 dB, 5-Bit
DC - 2.0 GHz
Rev. V1
MAATSS0020
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 1-dB Attenuation Steps to 31 dB
• Ultra Low DC Power Consumption
• Low Intermodulation Products: IP3 = 50 dBm
• Tape and Reel Packaging Available
• Temperature Stability: ± 0.15 dB from –40°C to
+85°C
• Lead-Free SSOP-20 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AT-260
Description
M/A-COM’s MAATSS0020 is a 5-bit, 1-dB step
GaAs MMIC digital attenuator in a lead-free SSOP-
20
surface
mount
plastic
package.
The
MAATSS0020 is ideally suited for use where high
power accuracy, fast switching, very low power
consumption and low intermodulation products are
required at a low cost.
Typical Applications include radio and cellular
equipment, wireless LANS, GPS equipment and
other gain/level control circuits.
The MAATSS0020 is fabricated with a monolithic
GaAs MMIC using a mature 1-micron process.
The process features full chip passivation for in-
creased performance and reliability.
Ordering Information1
MAATSS0020
SSOP 20-Lead
MAATSS0020TR-3000
3000 piece reel
Part Number
Package
1. Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Functional Schematic
Pin Configuration
Pin No.
Function
Pin No.
Function
1
VC1
11
RF1
2
VC1
12
Ground
3
VC2
13
Ground
4
VC2
14
Ground
5
VC3
15
Ground
6
VC3
16
Ground
7
VC4
17
Ground
8
VC4
18
Ground
9
No
Connection
19
Ground
10
VC5
20
RF2
Absolute Maximum Ratings 2,3
Parameter
Absolute Maximum
Input Power:
0.05 GHz
0.5 - 2.0 GHz
+27 dBm
+34 dBm
Control Voltage
+5 V, -8.5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.


Similar Part No. - MAATSS0020

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0020 MACOM-MAATSS0020 Datasheet
110Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0020 MA-COM-MAATSS0020 Datasheet
119Kb / 3P
Digital Attenuator
logo
Tyco Electronics
MAATSS0020TR-3000 MACOM-MAATSS0020TR-3000 Datasheet
110Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0020 MA-COM-MAATSS0020_15 Datasheet
119Kb / 3P
Digital Attenuator
More results

Similar Description - MAATSS0020

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-260 MACOM-AT-260 Datasheet
97Kb / 2P
Digital Attenuator, 31 dB, 5-Bit DC . 2 GHz
AT-357 MACOM-AT-357 Datasheet
34Kb / 2P
GaAs Digital Attenuator, 31 dB, 5 Bit DC - 2 GHz
AT15-0001 MACOM-AT15-0001 Datasheet
109Kb / 2P
Digital Attenuator, 31 dB, 5-Bit, TTL Driver DC - 2.0 GHz
AT65-0263 MACOM-AT65-0263 Datasheet
261Kb / 4P
Digital Attenuator, 31 dB, 5-Bit, TTL Driver DC-2.0 GHz
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
MAATSS0020 MACOM-MAATSS0020 Datasheet
110Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-260 MA-COM-AT-260 Datasheet
92Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
AT-357 MA-COM-AT-357 Datasheet
61Kb / 3P
GaAs Digital Attenuator 31 dB, 5 - Bit, DC - 2 GHz
AT-357 MA-COM-AT-357_15 Datasheet
632Kb / 4P
GaAs Digital Attenuator 31 dB, 5-Bit, DC-2 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com