Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL34IB Datasheet(PDF) 49 Page - Exar Corporation

Part # XRT86VL34IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34IB Datasheet(HTML) 49 Page - Exar Corporation

Back Button XRT86VL34IB Datasheet HTML 45Page - Exar Corporation XRT86VL34IB Datasheet HTML 46Page - Exar Corporation XRT86VL34IB Datasheet HTML 47Page - Exar Corporation XRT86VL34IB Datasheet HTML 48Page - Exar Corporation XRT86VL34IB Datasheet HTML 49Page - Exar Corporation XRT86VL34IB Datasheet HTML 50Page - Exar Corporation XRT86VL34IB Datasheet HTML 51Page - Exar Corporation XRT86VL34IB Datasheet HTML 52Page - Exar Corporation XRT86VL34IB Datasheet HTML 53Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 154 page
background image
XRT86VL3X
42
REV. 1.2.3
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
4.4.2
Configure the E1 Transmit Overhead Input Interface module as source of the National Bit
Sequence in E1 framing format mode
The National Bit Sequence in E1 framing format mode can be inserted from:
• E1 Transmit Overhead Input Interface Block
• E1 Transmit HDLC Controller
• E1 Transmit Serial Input Interface
The purpose of the Transmit Overhead Input Interface is to permit Data Link equipment direct access to the
Sa4 through Sa8 National bits that are to be transported via the outbound frames. The Transmit Data Link
Source Select [1:0] bits, within the Synchronization MUX Register (SMR) determine source of the Sa4 through
Sa8 National bits to be inserted into the outgoing E1 frames.
The table below shows configuration of the Transmit Data Link Source Select [1:0] bits of the Synchronization
MUX Register (SMR).
If the Transmit Data Link Source Select bits of the Transmit Data Link Select Register are set to 10, the
Transmit Overhead Input Interface Block becomes input source of the FDL bits.
The XRT86VL3x allows the user to decide on the following:
• How many of the National Bits will be used to carry the Data Link information bits
• Which of these National Bits will be used to carry the Data Link information bits.
The Transmit Sa Data Link Select bits of the Transmit Signaling and Data Link Select Register (TSDLSR)
determine which ones of the National bits are configured as Data Link bits in E1 framing format mode.
Depending upon the configuration of the Transmit Signaling and Data Link Select Register, either of the
following cases may exists:
• None of the National bits are used to transport the Data Link information bits (That is, data link channel of
XRT86VL3x is inactive).
FIGURE 42. BLOCK DIAGRAM OF THE E1 TRANSMIT OVERHEAD INPUT INTERFACE OF XRT86VL3X
SYNCHRONIZATION MUX REGISTER (SMR) (ADDRESS = 0XN109H)
BIT
NUMBER
BIT NAME
BIT TYPE
BIT DESCRIPTION
3-2
Transmit Data Link
Source Select [1:0]
R/W
00 - The Sa4 through Sa8 National bits are inserted into the framer
through the Transmit Serial Data input Interface via the TxSer_n pins.
01 - The Sa4 through Sa8 National bits are inserted into the framer
through the Transmit LAPD Controller.
10 - The Sa4 through Sa8 National bits are inserted into the framer
through the Transmit Overhead Input Interface via the TxOH_n pins.
11 - The Sa4 through Sa8 National bits are inserted into the framer through
the Transmit Serial Data input Interface via the TxSer_n pins.
Transmit
Overhead Input
Interface
TxOH_n
TxOHClk_n
To Transmit
Framer Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com