Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP21111ECT-L Datasheet(PDF) 9 Page - Exar Corporation

Part # SP21111ECT-L
Description  Low Power, High ESD 5V RS-232 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP21111ECT-L Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP21111ECT-L Datasheet HTML 5Page - Exar Corporation SP21111ECT-L Datasheet HTML 6Page - Exar Corporation SP21111ECT-L Datasheet HTML 7Page - Exar Corporation SP21111ECT-L Datasheet HTML 8Page - Exar Corporation SP21111ECT-L Datasheet HTML 9Page - Exar Corporation SP21111ECT-L Datasheet HTML 10Page - Exar Corporation SP21111ECT-L Datasheet HTML 11Page - Exar Corporation SP21111ECT-L Datasheet HTML 12Page - Exar Corporation SP21111ECT-L Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP207E_00_072309
Figure6.Wake–UpTiming
Table2.Shut-downandWake–UpTruthTables
RECEIVER ENAbLE
SP211E and SP213E feature an enable
input, which allows the receiver outputs to
be either tri–stated or enabled. This can be
especially useful when the receiver is tied
directly to a shared microprocessor data
bus. For the
SP211E, enable is active low;
that is, ZeroV applied to the ENABLE pin
will enable the receiver outputs. For the
SP213E, enable is active high; that is, +5V
applied to the ENABLE pin will enable the
receiver outputs.
+5V
0V
ENABLE
DISABLE
SD
ROUT
DATA VALID
+5V
0V
ROUT
+5V
0V
ROUT
tWAIT
t0 (POWERUP)
ENABLE
DISABLE
SD
POWER UP WITH SD ACTIVE (Charge pump in shutdown mode)
POWER UP WITH SD DISABLED (Charge pump in active mode)
t0 (POWERUP)
tENABLE
DATA VALID
SD
DATA VALID
DATA VALID
DATA VALID
EXERCISING WAKE–UP FEATURE
t0 (POWERUP)
tENABLE
tENABLE
tENABLE
tWAIT
DISABLE
DISABLE
ENABLE
tWAIT = 2ms typical, 3ms maximum
tENABLE = 1ms typical, 2ms maximum
VCC = +5V –10%; TA = 25 C
SP2E
SD
EN#
Drivers
Receivers
0

Active
Tri-State
0
0
Active
Active


Off
Tri-State

0
Off
Tri-State
SP23E
SD#
EN
Drivers
RX -3
RX 4-5
0

Off
Tri-State
Active
0
0
Off
Tri-State
Tr-State


Active
Active
Active

0
Active
Tri-State
Tri-State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com