Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP481E Datasheet(PDF) 4 Page - Exar Corporation

Part # SP481E
Description  Enhanced Low Power Half-Duplex RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP481E Datasheet(HTML) 4 Page - Exar Corporation

  SP481E Datasheet HTML 1Page - Exar Corporation SP481E Datasheet HTML 2Page - Exar Corporation SP481E Datasheet HTML 3Page - Exar Corporation SP481E Datasheet HTML 4Page - Exar Corporation SP481E Datasheet HTML 5Page - Exar Corporation SP481E Datasheet HTML 6Page - Exar Corporation SP481E Datasheet HTML 7Page - Exar Corporation SP481E Datasheet HTML 8Page - Exar Corporation SP481E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP48E,485E_00_2808
PARAMETERS
MIN.
TYP.
MAX.
UNITS CONDITIONS
SP481E
Shutdown Timing
Time to Shutdown
50
200
600
ns
RE = 5V, DE = 0V
Driver Enable from Shutdown
to Output High
40
00
ns
C
L = 100pF; See Figures 4 and 6;
S
2 Closed
Driver Enable from Shutdown
to Output Low
40
00
ns
C
L = 100pF; See Figures 4 and 6;
S
 Closed
Receiver Enable from
Shutdown to Output High
300
000
ns
C
L = 15pF; See Figures 2 and 8; S2
Closed
Receiver Enable from
Shutdown to Output Low
300
000
ns
C
L = 15pF; See Figures 2 and 8; S
Closed
POWER REQUIREMENTS
Supply Voltage V
CC
+4.75
+5.25
Volts
Supply Current
SP481E/SP485E
No Load
900
µA
RE, DI = 0V or V
CC; DE = VCC
600
µA
RE = 0V, DI = 0V or 5V; DE = 0V
SP481E
Shutdown Mode
0
µA
DE = 0V, RE = V
CC
ENVIRONMENTAL AND MECHANICAL
Operating Temperature
Commercial (_C_)
0
70
ºC
Industrial (_E_)
-40
+85
ºC
(_M_)
-40
+25
ºC
Storage Temperature
-65
+50
ºC
Package
Plastic DIP (_P)
NSOIC (_N)
ELECTRICAL CHARACTERISTICS
T
MIN to TMAX and VCC = +5.0V +/-5% unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com