Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP490 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP490
Description  Full Duplex RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP490 Datasheet(HTML) 2 Page - Exar Corporation

  SP490 Datasheet HTML 1Page - Exar Corporation SP490 Datasheet HTML 2Page - Exar Corporation SP490 Datasheet HTML 3Page - Exar Corporation SP490 Datasheet HTML 4Page - Exar Corporation SP490 Datasheet HTML 5Page - Exar Corporation SP490 Datasheet HTML 6Page - Exar Corporation SP490 Datasheet HTML 7Page - Exar Corporation SP490 Datasheet HTML 8Page - Exar Corporation SP490 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP490,49_00_07408
ABSOLUTEMAXIMUMRATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
V
CC....................................................................................................+7V
Input Voltages
Drivers................................................-0.5V to (V
CC+0.5V)
Receivers..................................................................±4V
Output Voltages
Drivers......................................................................±4V
Receivers...........................................-0.5V to (V
CC+0.5V)
Storage Temperature....................................................-65˚C to +150˚
Power Dissipation.....................................................................000mW
PARAMETERSMIN.TYP. MAX.UNITS CONDITIONS
SP490DRIVER
DCCharacteristics
Differential Output Voltage
GND
V
CC
Volts
Unloaded; R = ∞ ; see figure 1
Differential Output Voltage
2
V
CC
Volts
With Load; R = 50Ω; (RS422);
see figure 1
Differential Output Voltage
.5
V
CC
Volts
With Load; R = 27Ω; (RS485); see
figure 1
Change in Magnitude of Driver
Differential Output Voltage for
Complimentary States
0.2
Volts
R = 27Ω or R = 50Ω; see figure 1
Driver Common-Mode
Output Voltage
3
Volts
R = 27Ω or R = 50Ω; see figure 1
Input High Voltage
2.0
Volts
Applies to D
Input Low Voltage
0.8
Volts
Applies to D
Input Current
±0
µA
Applies to D
Driver Short-Circuit Current
V
OUT = HIGH
35
250
mA
-7V ≤ V
O ≤ +12V
V
OUT = LOW
35
250
mA
-7V ≤ V
O ≤ +12V
SP490DRIVER
ACCharacteristics
Maximum Data Rate
5
Mbps
Driver Input to Output
30
60
ns
t
PLH; RDIFF = 54Ω, CL = CL2 = 00pF;
see figures 3 and 6
Driver Input to Output
30
60
ns
t
PHL; RDIFF = 54Ω, CL = CL2 = 00pF;
see figures 3 and 6
Driver Skew
5
ns
see figures 3 and 6,
t
SKEW = | tDPLH - tDPHL |
Driver Rise or Fall Time
5
40
ns
From 0% to 90%; R
DIFF = 54Ω,
C
L = CL2 = 00pF; see figures 3 and 6
SP490RECEIVER
DCCharacteristics
Differential Input Threshold
0.2
+0.2
Volts
-7V ≤ V
CM ≤ 12V
Input Hysteresis
70
mV
V
CM = 0V
Output Voltage High
3.5
Volts
I
O = -4mA, VID = +200mV
Output Voltage Low
0.4
Volts
I
O = +4mA, VID = -200mV
Input Resistance
12
15
kΩ
-7V ≤ V
CM ≤ 12V
Input Current (A, B); V
IN = 2V
±.0
mA
V
IN = 2V
Input Current (A, B); V
IN = -7V
-0.8
mA
V
IN = -7V
Short-Circuit Current
85
mA
0V ≤ V
O ≤ VCC
ELECTRICALCHARACTERISTICS
T
MINtoTMAXandVCC=5V±5%unlessotherwisenoted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com