Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP504 Datasheet(PDF) 29 Page - Exar Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP504 Datasheet(HTML) 29 Page - Exar Corporation

Back Button SP504 Datasheet HTML 24Page - Exar Corporation SP504 Datasheet HTML 25Page - Exar Corporation SP504 Datasheet HTML 26Page - Exar Corporation SP504 Datasheet HTML 27Page - Exar Corporation SP504 Datasheet HTML 28Page - Exar Corporation SP504 Datasheet HTML 29Page - Exar Corporation SP504 Datasheet HTML 30Page - Exar Corporation SP504 Datasheet HTML 31Page - Exar Corporation SP504 Datasheet HTML 32Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
29
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
ADDITIONAL TRANSCEIVERS
WITH THE SP504
Serial ports usually can have two data sig-
nals (SD, RD), three clock signals (TT, ST,
RT), and at least eight control signals (CS,
RS, etc.). EIA-RS-449 contains twenty six
signal types for a DB-37 connector. A DB-
37 serial port design may require thirteen
drivers and fourteen receivers. Although
many applications do not use all these
signals, some applications may need to
support extra functions such as diagnostics.
The
SP504 supports enough transceivers
for the primary channels of data, clock and
control signals. Configuring LL, RL and TM
would require two additional drivers and one
receiver if designing for a DTE (one driver
and two receivers for a DCE).
A programmable transceiver such as the
SP332 is a convenient solution in a design
thatrequiresextrasingleendedordifferential
drivers/receivers.As shown in Figure 28, the
SP332 can be configured to four different
variations.
The SP332 in Figure 29 is configured for two
single-ended drivers and one diffferential
receiver. For a DTE design, the two drivers
are used for LL and RL signals and
the receiver is used for the TM signal. This
configuration was selected because the two
RS-232 drivers can be used for RS-423 by
connectingazenerclampingdiodetoground
on the two driver outputs. The diodes will
limit the voltage swing on the outputs so that
the V
OC = ±4V to ±6V adheres to the RS-423
specification. The differential receiver can
be easily configured to RS-423 by ground-
ing the non-inverting input. The receiver will
adhere to the RS-423 specifications.
CIRCUIT
CIRCUIT NAME
CIRCUIT
CIRCUIT
MNEMONIC
DIRECTION
TYPE
SG
SIGNAL GROUND
--------------
SC
SEND COMMON
TO DCE
RC
RECEIVE COMMON
FROM DCE
IS
TERMINAL IN SERVICE
TO DCE
IC
INCOMING CALL
FROM DCE
TR
TERMINAL READY
TO DCE
DM
DATA MODE
FROM DCE
SD
SEND DATA
TO DCE
RD
RECEIVE DATA
FROM DCE
TT
TERMINAL TIMING
TO DCE
ST
SEND TIMING
FROM DCE
RT
RECEIVE TIMING
FROM DCE
RS
REQUEST TO SEND
TO DCE
CS
CLEAR TO SEND
FROM DCE
RR
RECEIVER READY
FROM DCE
SQ
SIGNAL QUALITY
FROM DCE
NS
NEW SIGNAL
TO DCE
SF
SELECT FREQUENCY
TO DCE
SR
SIGNAL RATE SELECTOR
TO DCE
SI
SIGNAL RATE INDICATOR
FROM DCE
SSD
SECONDARY SEND DATA
TO DCE
SRD
SECONDARY RD
FROM DCE
SRS
SECONDARY RS
TO DCE
SCS
SECONDARY CS
FROM DCE
SRR
SECONDARY RR
FROM DCE
LL
LOCAL LOOPBACK
TO DCE
RL
REMOTE LOOPBACK
TO DCE
TM
TEST MODE
FROM DCE
SS
SELECT STANDBY
TO DCE
SB
STANDBY INDICATOR
FROM DCE
COMMON
CONTROL
DATA
TIMING
CONTROL
DATA
CONTROL
CONTROL
CONTROL

RS-449 Interchange Circuits Table
SEL A
0
0


SEL B
0

0

LOOPBACK




SHUTDOWN
0
0
0
0
Figure 28. Mode selection for the SP332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com