Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6685 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP6685
Description  700mA Buck/Boost Charge Pump LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6685 Datasheet(HTML) 2 Page - Exar Corporation

  SP6685 Datasheet HTML 1Page - Exar Corporation SP6685 Datasheet HTML 2Page - Exar Corporation SP6685 Datasheet HTML 3Page - Exar Corporation SP6685 Datasheet HTML 4Page - Exar Corporation SP6685 Datasheet HTML 5Page - Exar Corporation SP6685 Datasheet HTML 6Page - Exar Corporation SP6685 Datasheet HTML 7Page - Exar Corporation SP6685 Datasheet HTML 8Page - Exar Corporation SP6685 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
S
SP
P6
66
68
85
5
7
70
00
0m
mA
A B
Bu
uc
ck
k/
/B
Bo
oo
os
stt C
Ch
ha
arrg
ge
e P
Pu
um
mp
p L
LE
ED
D D
Drriiv
ve
err
© 2009 Exar Corporation
2/14
Rev. 2.0.0
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
VIN, VOUT ................................................... -0.3V to 6.0V
Output Current Pulse (FLASH).................................... 1A
Output Current Continuous (TORCH)........................ 0.4A
VEN .................................................................0V to 7V
Storage Temperature .............................. -65°C to 150°C
Lead Temperature (Soldering, 10 sec) ................... 260°C
ESD Rating EN pin (HBM - Human Body Model) .......... 1kV
ESD Rating All Other Pins (HBM) .............................. 2kV
OPERATING RATINGS
Input Voltage Range VIN...............................2.7V to 5.5V
Operating Temperature Range................... -40°C to 85°C
Thermal Resistance θJA ................................... 57.1°C/W
ELECTRICAL SPECIFICATIONS
Specifications with standard type are for an Operating Junction Temperature of TJ = 25°C only; limits applying over the full
Operating Junction Temperature range are denoted by a “•”. Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for
reference purposes only. Unless otherwise indicated, VIN = 3.6, CIN = 4.7µF, CFC = COUT = 1µF. TA= –40°C to 85°C.
Parameter
Min.
Typ.
Max.
Units
Conditions
Operating Input Voltage
2.7
5.5
V
•
Quiescent Current
0.5
3
mA
•
VIN = 2.7 – 5.5V FLASH = 0V
ILOAD = 100 µA
2
FLASH = VIN, 2x Mode
Shutdown Current
1
µA
VIN = 5.5V, VEN = 0V
Oscillator Frequency
2.4
MHz
Charge Pump Equivalent
Resistance (x2 Mode)
5
Ω
VFB = 0V, VIN = 3.6V
Charge Pump Equivalent
Resistance (x1 Mode)
0.6
0.8
Ω
VIN = 3.6V
FB Reference Voltage
138
150
162
mV
•
FLASH = VIN, RSET = 88.7K
FB Reference Voltage
45
50
55
mV
•
FLASH = GND
FB Pin Current
0.5
µA
VFB = 0.3V
EN, Flash Logic Low
0.4
V
•
EN, Flash Logic High
1.3
V
•
EN, Flash Pin Current
0.5
µA
•
VOUT Turn-on Time
250
500
µS
•
VIN = 3.6V, FB within 90% of regulation
Thermal Shutdown Temperature
145
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com