Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6887 Datasheet(PDF) 10 Page - Exar Corporation

Part # SP6887
Description  4 CHANNEL REGULATED CHARGE PUMP WLED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6887 Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP6887 Datasheet HTML 2Page - Exar Corporation SP6887 Datasheet HTML 3Page - Exar Corporation SP6887 Datasheet HTML 4Page - Exar Corporation SP6887 Datasheet HTML 5Page - Exar Corporation SP6887 Datasheet HTML 6Page - Exar Corporation SP6887 Datasheet HTML 7Page - Exar Corporation SP6887 Datasheet HTML 8Page - Exar Corporation SP6887 Datasheet HTML 9Page - Exar Corporation SP6887 Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PACKAGE
Rev. C – 10/31/2007
SP6887 4 Channel WLED Driver
© 2007 Exar Corporation
10/10
Thin QFN-16 3mm x 3mm
Units: mm (angles in degrees)
Coplanarity applies to the exposed pads as well as terminals
DAP is 1.90mm x 1.90mm
ORDERING INFORMATION
Part Number
Operating
Temperature Range
Package
Marking
Packing
Quantity
SP6887ER4-L
-40ºC to +85ºC
Thin QFN-16
6887
ER4
YWWX
-
SP6887ER4-L/TR
-40ºC to +85ºC
Thin QFN-16
6887
ER4
YWWX
3,000/T&R
“Y” = Year, “WW” = Work Week, “X” = first alpha of lot number
Exar Corporation
Headquarters and Sales Offices
48720 Kato Road
Fremont, CA 94538 – USA
Tel.: +1 (510) 668-7000
Fax: +1 (510) 668-7030
www.exar.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com