Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6686ER-L/TR Datasheet(PDF) 7 Page - Exar Corporation

Part # SP6686ER-L/TR
Description  400mA Buck/Boost Charge Pump LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6686ER-L/TR Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP6686ER-L/TR Datasheet HTML 3Page - Exar Corporation SP6686ER-L/TR Datasheet HTML 4Page - Exar Corporation SP6686ER-L/TR Datasheet HTML 5Page - Exar Corporation SP6686ER-L/TR Datasheet HTML 6Page - Exar Corporation SP6686ER-L/TR Datasheet HTML 7Page - Exar Corporation SP6686ER-L/TR Datasheet HTML 8Page - Exar Corporation SP6686ER-L/TR Datasheet HTML 9Page - Exar Corporation SP6686ER-L/TR Datasheet HTML 10Page - Exar Corporation SP6686ER-L/TR Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
S
SP
P6
66
68
86
6
4
40
00
0m
mA
A B
Bu
ucck
k/
/B
Bo
oo
os
stt C
Ch
ha
arrg
ge
e P
Pu
um
mp
p L
LE
ED
D D
Drriiv
ve
err
© 2009 Exar Corporation
7/12
Rev. 2.0.0
Fig. 16: Battery Current vs Supply Voltage
D1=AOT2015HPW-1915 LED, RSENSE=0.3Ω
RSET=106kΩ, CIN=2.2µF, CFC=0.47µF,COUT=1µF
Fig. 17: Battery Current vs Supply Voltage
D1=AOT3228HPW0303B LED, RSENSE=0.3Ω
RSET=140kΩ, CIN=2.2µF, CFC=0.47µF,COUT=1µF
Fig. 18: Startup Torch
VIN=3.6V, VOUT=3.1V, CIN=4.7µF, CFC=0.47µF,COUT=2.2µF
Fig. 19: Startup Flash
VIN=3.6V, VOUT=3.5V, CIN=4.7µF, CFC=0.47µF,COUT=2.2µF
Fig. 20: Torch in 1x to Flash in 1x Mode
VIN=4.2V, CIN=4.7µF, CFC=0.47µF,COUT=2.2µF
Fig. 21: Torch in 1x to Flash in 2x Mode
VIN=3.6V, CIN=4.7µF, CFC=0.47µF,COUT=2.2µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com