Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW65-0440 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SW65-0440
Description  GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW65-0440 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SW65-0440 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW65-0440 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW65-0440 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW65-0440 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SW65-0440 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. SW65-0440 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SP4T Switch, Absorptive, Single Supply
DC - 3.0 GHz
Rev. V7
SW65-0440
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
—
—
1.2
1.3
1.8
2.5
Isolation
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
32
25
35
29
—
—
VSWR
RF1-RF4 On
RF1- RF4 Off
RFC
RFC
DC - 3.0 GHz
DC - 3.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
Ratio
Ratio
Ratio
Ratio
—
—
—
—
1.2:1
1.4:1
1.2:1
1.6:1
1.6:1
1.8:1
1.5:1
2.2:1
Switching Speed1
Trise
Tfall
Ton
Toff
Transients
10%/90%, 90%/10%
50% TTL to 90%/10% RF
In-band (peak to peak)
ns
ns
mV
—
—
—
15
50
50
50
150
150
1 dB Compression
.05 GHz
.5 - 3.0 GHz
dBm
dBm
—
—
+20
+27
—
—
Input IP3
Two tone inputs
0.05 GHz
up to +5 dBm 0.5 - 3.0 GHz
dBm
dBm
—
—
+35
+46
—
—
VCC
—
V
+4.5
+5.0
+5.5
VEE
—
V
-8.0
-5.0
-4.75
VIL
VIH
LOW-level input voltage
HIGH-level input voltage
V
V
0.0
2.0
—
—
0.8
5.0
lin (Input Leakage Current)
Vin = VCC or GND
uA
-1.0
—
1.0
Icc (Quiescent Supply Current)
Vcntrl = VCC or GND
uA
—
250
400
ΔIcc
(Additional Supply Current Per TTL Input Pin)
VCC = Max, Vcntrl = VCC - 2.1 V
mA
—
—
1.0
IEE
VEE min to max, Vin = VIL or VIH
mA
-1.0
-0.2
—
1. Decoupling capacitors (.1 µF) are required on the power supply lines.
Absolute Maximum Ratings
2,3,4
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
0.5 - 3.0 GHz
+27 dBm
+34 dBm
VCC
-0.5V ≤ VCC ≤ +7.0V
VEE
-8.5V ≤ VEE ≤ +0.5V
VCC - VEE
-0.5V ≤ VCC - VEE ≤ 14.5V
Vin5
-0.5V ≤ Vin ≤ VCC + 0.5V
Operating Temperature
-40ºC to +85ºC
Storage Temperature
-65ºC to +125ºC
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
4. When the RF input is applied to the terminated port, the
absolute maximum power is +30 dBm.
5. Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Truth Table (Switch)
TTL
RF Common To:
C1
C2
C3
C4
RF1
RF2
RF3
RF4
1
0
0
0
On
Off
Off
Off
0
1
0
0
Off
On
Off
Off
0
0
1
0
Off
Off
On
Off
0
0
0
1
Off
Off
Off
On
0 = TTL Low; 1 = TTL High



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com