Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-110-PIN Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-110-PIN
Description  GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC-3.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-110-PIN Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-110-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-110-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-110-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-110-PIN Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SW-110-PIN Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SPDT Reflective Switch with TTL/CMOS Control Input,
DC-3.0 GHz
Rev. V6
SW-110-PIN
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 1 dB Compression Point: +39 dBm Typical,
-8V Control
• IP3: +65 dBm Typical, -8V Control
• Insertion Loss: 0.45 dB Typical
• Low Power Consumption
• Fast Switching Speed
• Hermetic Surface Mount Package
• 50 Ohm Nominal Impedance
• Lead-Free CR-9 Package
• 260°C Reflow Compatible
• RoHS* Compliant
Description
M/A-COM’s SW-110-PIN is a GaAs MMIC SPDT
reflective switch with an integral silicon ASIC driver.
This device is in a 16 lead ceramic surface mount
package. These switches exhibit excellent perform-
ance and repeatability from DC to 3.0 GHz, with very
low DC power dissipation. The SW-110-PIN is ide-
ally suited for RF/IF communications applications.
Environmental screening is available. Contract the
factory for information.
Ordering Information
Part Number
Package
SW-110-PIN
Bulk Packaging
MASW-008844-0001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Block Diagram
Pin Configuration
Pin No.
Function
Pin No.
Function
1
Vee
9
RFC
2
GND
10
GND
3
GND
11
GND
4
GND
12
RF1
5
RF2
13
GND
6
GND
14
GND
7
GND
15
Vcc
8
GND
16
C1
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
The metal bottom of the case must be connected to RF and DC
ground.


Similar Part No. - SW-110-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-110-PIN MACOM-SW-110-PIN Datasheet
192Kb / 5P
GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC - 3.0 GHz
More results

Similar Description - SW-110-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-110 MACOM-SW-110 Datasheet
211Kb / 2P
GaAs SPDT Reflective Switch DC-3 GHz with TTL/CMOS Control Input
SW-312 MACOM-SW-312 Datasheet
220Kb / 3P
GaAs SPDT Reflective Switch, DC - 3 GHz with TTL/CMOS Control Input
SW10-0312 MACOM-SW10-0312 Datasheet
221Kb / 3P
GaAs SPDT Reflective Switch, DC - 3 GHz with TTL/CMOS Control Input
SW-110-PIN MACOM-SW-110-PIN Datasheet
192Kb / 5P
GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC - 3.0 GHz
SW-311-PIN MACOM-SW-311-PIN Datasheet
173Kb / 4P
Matched GaAs SPDT Switch, DC - 3.0 GHz with TTL/CMOS Control Input
SW-312-PIN MACOM-SW-312-PIN Datasheet
176Kb / 4P
GaAs SPDT Reflective Switch, DC - 3.0 GHz with TTL/CMOS Control Input
SW-313-PIN MACOM-SW-313-PIN Datasheet
140Kb / 4P
Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW10-0312 MA-COM-SW10-0312 Datasheet
107Kb / 4P
GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW-312-PIN MA-COM-SW-312-PIN Datasheet
105Kb / 4P
GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW-313-PIN MA-COM-SW-313-PIN Datasheet
110Kb / 4P
Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com