Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF313 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MRF313
Description  The RF Line NPN Silicon High-Frequency Transistor 1.0W, 400MHz, 28V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF313 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MRF313 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF313 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF313 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF313 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
The RF Line NPN Silicon High-Frequency Transistor
1.0W, 400MHz, 28V
M/A-COM Products
Released - Rev. 07.07
MRF313
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Product Image
Designed for wideband amplifier, driver or oscillator applications in
military, mobile, and aircraft radio.
•
Specified 28 V, 400 MHz characteristics —
Output power = 1.0 W
Power gain = 15 dB min.
Efficiency = 45% typ.
•
Emitter ballast and low current density for improved MTBF
•
Common emitter for improved stability
CASE 305A–01, STYLE 1


Similar Part No. - MRF313

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF313 MOTOROLA-MRF313 Datasheet
63Kb / 4P
HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF313 MACOM-MRF313 Datasheet
84Kb / 3P
HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
MRF313 ASI-MRF313 Datasheet
131Kb / 1P
NPN SILICON RF TRANSISTOR
logo
M/A-COM Technology Solu...
MRF313 MA-COM-MRF313 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
MRF313 MA-COM-MRF313_15 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
More results

Similar Description - MRF313

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2N6439 MA-COM-2N6439 Datasheet
213Kb / 6P
The RF Line NPN Silicon Power Transistor 60W, 225 to 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
The RF MOSFET Line 100W, 400MHz, 28V
MRF321 MA-COM-MRF321 Datasheet
224Kb / 5P
The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
The RF MOSFET Line 100W, 400MHz, 28V
MRF321 MA-COM-MRF321 Datasheet
224Kb / 5P
The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
MRF175LU MA-COM-MRF175LU_17 Datasheet
703Kb / 8P
The RF MOSFET Line 100W, 400MHz, 28V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com