Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA40205 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA40205
Description  Schottky Detector Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA40205 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA40205 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA40205 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA40205 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA40205 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA40205 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Schottky Detector Diodes
Rev. V3
Schottky Detector Diodes
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
N Type Silicon Schottky Detector Diodes
These low barrier packaged detector diodes are
suitable got use in striping applications. They fea-
ture high sensitivity, and low l/f noise. These diodes
are listed by increasing frequency, and grouped by
package style and TSS. Case styles other than those
specified may be available. For additional informa-
tion, contact the factory.
Model Number
Case Style
Test Frequency
(GHz)
Minimum
1 Tang.
Signal Sensitivity TSS
(dBm)
Video Impedance
2
Range
Min./Max.
(K Ohms)
MA40261
186
3
-55
1/2
MA40143
213
3
-50
1/2
MA40108
137
10
-52
1/2
MA40070
137
10
-50
1/2
MA40264
186
10
-55
1/2
MA40147
213
10
-55
1/2
MA40207-276
276
10
-55
1/2
MA40215-276
276
16
-52
1/2
Packaged P Type Silicon Schottky
Detector Diodes
This series of low barrier P type detector diodes
has good voltage sensitivity and low l/f noise than
similar capacitance N type Schottky diodes. They
are listed by case style.
Model Number
Case Style
Test Frequency
(GHz)
Minimum
1 Tang.
Signal Sensitivity TSS
(dBm)
Video Impedance
2
Range
Min./Max.
(Ohms)
Minimum
2
Sensitivity
(mV/mW)
MA40252
54
10
-55
1.2/1.8
5000
MA40251
119
10
-55
1.2/1.8
5000
MA40257
120
10
-55
1.2/1.8
5000
MA40257-276
276
10
-55
1.2/1.8
5000
Specifications @ TA = +25°C
Notes:
1. The video amplifier bandwidth is 1 MHz and the noise figure is 3 dB. The Input Impedance is 10 k Ohms and DC Bias is 20 µA.
2. Pinc = -30 dBm. The DC forward bias is +20 µA.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com