Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA47200 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA47200
Description  Stripline PIN Diode Switch Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA47200 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA47200 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA47200 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA47200 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
2
ADVANCED: Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Stripline PIN Diode Switch Modules
V5
MA47200 Series
Part Number1
Package
Style
Test
Frequency
GHz
Maximum
Insertion3 Loss
dB
Minimum
Isolation
dB
Nominal Switching Speed (nS)
RF Off
to
RF On
RF On
to
RF Off
MA47208
114
1
VR = 20V
Loss ≤ 0.25dB
IF = 25mA
Isolation ≤ 30dB
300
150
MA47222
144
8
VR = 0V
Loss ≤ 0.50dB
IF = 100mA
Isolation ≤ 20dB
100
30
MA47223
144
4-82
VR = 0V
Loss ≤ 0.50dB
IF = 100mA
Isolation ≤ 20dB
150
30
Notes:
1.
All models have cathode heatsink
2.
Swept frequency measurement
3.
Maximum VSWR is 1.5:1 at specified insertion loss condition.
Part
Number
Maximum
Reverse
Voltage1
@ IR <10μA
Volts
Maximum
Chip
Capacitance
f = 1MHz
pF
Maximum
Series
Resistance
Ω
Maximum
Series
Resistance
Ω
Nominal Characteristics
Carrier
Lifetime2
nS
I-Region
Width
Microns
µm
MA47208
1000
VR = -100V
CJ ≤ 1.3pF
IF = 50mA
Freq. = 100MHz
RS ≤ .400 Ω
IF = 100mA
Freq. = 100MHz
RS ≤ .300 Ω
1300
125
MA47222
150
VR = -10V
CJ ≤ .09pF
IF = 10mA
Freq. = 500MHz
RS ≤ 1.6 Ω
IF = 100mA
Freq. = 500MHz
RS ≤ 1.2 Ω
160
13
MA47223
500
VR = -50V
CJ ≤ .20pF
IF = 100mA
Freq. = 500MHz
RS ≤ .6 Ω
1000
50
Maximum
Thermal
Resistance
°C/W
10
40
20
All Specifications (TAMB = +25°C)
Notes:
1. The maximum specified VR (reverse voltage) is sourced and the resultant reverse leakage current, Ir, is measured to be <10μA.
2. Nominal carrier life time specified with diode biased at IF = +10mA , IREV = -6mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com