Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABACT0061 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0061
Description  4:1 Auto Transformer 5-1200MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0061 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABACT0061 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0061 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0061 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4:1 Auto Transformer
5-1200MHz
MABACT0061
V1P
1
RoHS
Compliant
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Surface Mount
• 4:1 Impedance, unbalanced to unbalanced
• 260°C Reflow Compatible
• RoHS* Compliant
• Available on Tape and Reel. Reel quantity 2000
Description
M/A-COM’s MABACT0061 is a 4:1 Auto transformer
in a low cost, surface mount package. Ideally suited
for high volume CATV/Broadband applications.
Ordering Information
Part Number
Package
MABACT0061TR
2000 piece reel
Note: Reference Application Note M513 for reel size information.
Schematic
Pin No.
Function
1
Secondary Dot (e.g. 200 Ohm)
2
Not connected (ground)
3
Not connected (ground)
4
Primary & Secondary (ground)
5
Primary Dot (e.g. 50 Ohms)
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Pin Configuration
Case Style: SM-22


Similar Part No. - MABACT0061

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0061 MACOM-MABACT0061 Datasheet
79Kb / 3P
4:1 Auto Transformer 5-1200MHz
MABACT0061TR MACOM-MABACT0061TR Datasheet
79Kb / 3P
4:1 Auto Transformer 5-1200MHz
More results

Similar Description - MABACT0061

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007748-CT1160 MACOM-MABA-007748-CT1160 Datasheet
89Kb / 3P
1:1 RF Transformer 5-1200MHz
MABACT0060 MACOM-MABACT0060 Datasheet
76Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
MABACT0061 MACOM-MABACT0061 Datasheet
79Kb / 3P
4:1 Auto Transformer 5-1200MHz
MABACT0043 MACOM-MABACT0043 Datasheet
161Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
logo
M/A-COM Technology Solu...
MABACT0060 MA-COM-MABACT0060 Datasheet
76Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
MABA-007681-CT2010 MA-COM-MABA-007681-CT2010 Datasheet
108Kb / 3P
2:1 Transmission Line Balun Transformer 5 - 1200MHz
MABA-007748-CT1160 MA-COM-MABA-007748-CT1160 Datasheet
93Kb / 3P
1:1 RF Transformer 5-1200MHz
DS-MABACT0061 MA-COM-DS-MABACT0061 Datasheet
285Kb / 3P
4:1 Auto Transformer
MABA-011031 MA-COM-MABA-011031 Datasheet
658Kb / 5P
Transformer, 1:1 Transmission Line 5MHz - 1200MHz
logo
Qorvo, Inc
RFXF0006H QORVO-RFXF0006H Datasheet
364Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com