Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA46 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MA46
Description  Surface Mount GaAs Tuning Varactors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA46 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA46 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA46 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA46 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA46 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
Surface Mount GaAs Tuning Varactors
Rev. V6
MA46 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Case Styles
ODS-1056
ODS-1088
Ordering Information
These GaAs tuning varactors are available in either case style as shown. When ordering, specify the desired
case style by adding the case designation as a suffix to the model number. For example, a MA46H200-1088
specifies a 1.25 gamma hyperabrupt tuning diode in case style 1088.
INCHES
MILLIMETERS
MIN.
MAX.
MIN.
MAX.
A
0.065
0.075
1.72
1.90
B
0.034
0.041
0.86
1.04
C
0.030
0.036
0.76
0.91
D
0.013
0.017
0.33
0.44
E
0.010
0.014
0.25
0.36
F
0.043
0.053
1.09
1.35
DIM.
Package Capacitance: 0.15 pF Typical
Package Inductance: 0.45 nH Typical
DIM.
INCHES
MIN.
MAX.
MIN.
MAX.
A
0.175
0.195
4.44
4.95
B
0.040
0.050
1.02
1.27
C
0.085
0.095
2.16
2.41
D
0.015
0.025
0.38
0.64
E
0.010
0.015
0.25
0.38
F
0.015
0.020
0.38
0.51
G
0.004
0.006
0.10
0.15
H
0.020
0.030
0.51
0.76
J
0.013
0.033
0.33
0.84
K
0.003
0.005
0.08
0.13
MILLIMETERS
*Specifications are subject to change without prior notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com