Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12BCB Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # 12BCB
Description  Silicon Epitaxial Planar Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

12BCB Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  12BCB Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 12BCB Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 12BCB Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 18/07/2009
SEMTECH ELECTRONICS LTD.
(
Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BC Series
Characteristics at Ta = 25 OC (VF = 1 V Max. at IF = 100 mA)
Zener Voltage
1)
Maximum Dynamic
Resistance
Maximum Standing
Dynamic Resistance
Maximum Reverse
Leakage Current
Type
Min. (V)
Max. (V)
at lZT (mA)
ZZT (Ω)
at lZT (mA)
ZZK (Ω)
at lZK (mA)
IR (µA)
at VR (V)
4V3BCC
4.34
4.53
20
40
20
1000
1
5
1
4V7BC
4.4
4.9
20
25
20
900
1
5
1
4V7BCA
4.47
4.65
20
25
20
900
1
5
1
4V7BCB
4.59
4.77
20
25
20
900
1
5
1
4V7BCC
4.71
4.91
20
25
20
900
1
5
1
5V1BC
4.8
5.4
20
20
20
800
1
5
1.5
5V1BCA
4.85
5.03
20
20
20
800
1
5
1.5
5V1BCB
4.97
5.18
20
20
20
800
1
5
1.5
5V1BCC
5.12
5.35
20
20
20
800
1
5
1.5
5V6BC
5.3
6
20
13
20
500
1
5
2.5
5V6BCA
5.29
5.52
20
13
20
500
1
5
2.5
5V6BCB
5.46
5.7
20
13
20
500
1
5
2.5
5V6BCC
5.64
5.88
20
13
20
500
1
5
2.5
6V2BC
5.8
6.6
20
10
20
300
1
5
3
6V2BCA
5.81
6.06
20
10
20
300
1
5
3
6V2BCB
5.99
6.24
20
10
20
300
1
5
3
6V2BCC
6.16
6.4
20
10
20
300
1
5
3
6V8BC
6.4
7.2
20
8
20
150
0.5
2
3.5
6V8BCA
6.32
6.59
20
8
20
150
0.5
2
3.5
6V8BCB
6.52
6.79
20
8
20
150
0.5
2
3.5
6V8BCC
6.7
6.97
20
8
20
150
0.5
2
3.5
7V5BC
7
7.9
20
8
20
120
0.5
0.5
4
7V5BCA
6.88
7.19
20
8
20
120
0.5
0.5
4
7V5BCB
7.11
7.41
20
8
20
120
0.5
0.5
4
7V5BCC
7.33
7.64
20
8
20
120
0.5
0.5
4
8V2BC
7.7
8.7
20
8
20
120
0.5
0.5
5
8V2BCA
7.56
7.9
20
8
20
120
0.5
0.5
5
8V2BCB
7.82
8.15
20
8
20
120
0.5
0.5
5
8V2BCC
8.07
8.41
20
8
20
120
0.5
0.5
5
9V1BC
8.5
9.6
20
8
20
120
0.5
0.5
6
9V1BCA
8.33
8.7
20
8
20
120
0.5
0.5
6
9V1BCB
8.61
8.99
20
8
20
120
0.5
0.5
6
9V1BCC
8.89
9.29
20
8
20
120
0.5
0.5
6
10BC
9.4
10.9
20
8
20
120
0.5
0.2
7
10BCA
9.19
9.59
20
8
20
120
0.5
0.2
7
10BCB
9.48
9.9
20
8
20
120
0.5
0.2
7
10BCC
9.82
10.3
20
8
20
120
0.5
0.2
7
11BC
10.4
11.6
10
10
10
120
0.5
0.2
8
11BCA
10.18
10.63
10
10
10
120
0.5
0.2
8
11BCB
10.5
10.95
10
10
10
120
0.5
0.2
8
11BCC
10.82
11.26
10
10
10
120
0.5
0.2
8
12BC
11.4
12.6
10
12
10
110
0.5
0.2
9
12BCA
11.13
11.63
10
12
10
110
0.5
0.2
9
12BCB
11.5
11.92
10
12
10
110
0.5
0.2
9
12BCC
11.8
12.3
10
12
10
110
0.5
0.2
9
13BC
12.4
14.1
10
14
10
110
0.5
0.2
10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com