Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC7315 Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SC7315
Description  2CH OUTPUT STEREO AUDIO PROCESSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7315 Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SC7315 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 13Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SC7315
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 9 of 13
DETAILED DESCRIPTION OF DATA BYTES
1. Volume
MSB
LSB
Function
0
0
B2
B1
B0
A2
A1
A0
Volume 1.25dB steps
0
0
0
0
0
0
1
-1.25
0
1
0
-2.5
0
1
1
-3.75
1
0
0
-5
1
0
1
-6.25
1
1
0
-7.5
1
1
1
-8.75
0
0
B2
B1
B0
A2
A1
A0
Volume 10dB steps
0
0
0
0
0
0
1
-10
0
1
0
-20
0
1
1
-30
1
0
0
-40
1
0
1
-50
1
1
0
-60
1
1
1
-70
For example, a volume of –45dB is given by: 00100100
2. Speaker attenuators
MSB
LSB
Function
1
0
0
B1
B0
A2
A1
A0
Speaker ATT L
1
0
1
B1
B0
A2
A1
A0
Speaker ATT R
0
0
0
0
0
0
1
-1.25
0
1
0
-2.5
0
1
1
-3.75
1
0
0
-5
1
0
1
-6.25
1
1
0
-7.5
1
1
1
-8.75
0
0
0
0
1
-10
1
0
-20
1
1
-30
1
1
1
1
1
MUTE
For example, attenuation of 25dB on speaker R is given by: 10110100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com