Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC7422 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC7422
Description  2CH AUDIO POWER AMPLIFIER (W x 2)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7422 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC7422 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7422 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7422 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7422 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7422 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7422 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7422 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7422 Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SC7422
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.11.13
Http: www.silan.com.cn
Page 2 of 8
ABSOLUTE MAXIMUM RATING
Characteristics
Symbol
Rating
Unit
Supply Voltage
VCC
0 ~7
V
Maximum Input Voltage For Any Pin
Vin(max)
-0.3 ~ VCC +0.3
V
Maximum Input Current For Each Input
Pin (*)
Iin(max)
-10 ~+10
mA
Operating Ambient Temperature
Tamb
-40 ~+85
°C
Storage Temperature
Tstg
-65 ~+150
°C
Thermal
Resistance
From
Junction
To
Ambient
JA
88.8 (**)
°C/W
Thermal Resistance From Junction To Case
JC
26 (**)
°C/W
(*) Maximum instantaneous input current for any pin must be less than 100mA, so that the CMOS latch-up effect
can be avoided.
(**) Ambient Temperature: Tamb=25
°C.
ELECTRICAL CHARACTERISTICS
(Refer to the test circuit, VCC=5V; f=22Hz~22KHz; Tamb=25
°C, unless otherwise specified.)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
3
5
6
V
BTL
8
10
14
mA
SE
6
8
12
mA
Quiescent Operation Current
Is
Shutdown = ON
0.2
0.7
1
µA
THD=1%, RL=8
Ω
1.0
1.1
1.1
THD=10%, RL=8
Ω
1.2
1.4
1.6
THD=1%, RL=4
Ω
1.4
1.6
1.8
BTL
THD=10%, RL=4
Ω
1.8
2.0
2.1
W
THD=1%, RL=32
Ω
80
85
90
Output Power
Po
SE
THD=10%, RL=32
Ω
100
110
120
mW
Po=0.2W, RL=4
Ω
0.03
0.05
0.07
%
BTL
Po=1W, RL=4
Ω
0.06
0.08
0.15
%
Total Harmonic
Distortion
THD
SE
Po=50mW, RL=32
Ω
0.03
0.05
0.07
%
DC Vol = 5V, F = 1kHz
-1
0
+1
Volume Control Range
Vatt
DC Vol = 17%Vcc
-44
-45
-46
dB
Volume Control Step
Vstep
Vatt = 0 ~ -45dB
1.3
1.5
1.7
dB
Mute
Mute
DC Vol = 0V
-85
-88
-90
dB
Channel Balance
CB
Rin = Rf = 20k
Ω
-1
0
+1
dB
BTL
85
88
91
Channel Separate
CS
SE
F=1kHz
77
80
83
dB
Signal-to-Noise Ratio
SNR
85
90
91
dB
Output Noise Voltage
Vno
25
40
50
µV
(To be continued)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com