Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9638FP Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC9638FP
Description  CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9638FP Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC9638FP Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SC9638FP
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.03.24
Http: www.silan.com.cn
Page 2 of 13
ABSOLUTE MAXIMUM RATINGS (Tamb=25°C)
Characteristics
Symbol
Rating
Unit
Power Supply Voltage
VDD
-0.5 ~ +5.5
V
Input Voltage
VIN
-0.5 ~VDD + 0.5
V
Operating Temperature
Topr
-20 ~ +75
°C
ELECTRICAL CHARACTERISTICS (VDD=4.5~5.5V; VSS=0V; Tamb=-10~+50°C)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
4.5
5.0
5.5
V
Supply Current
IDD
5V(CD is working)
-
50
-
mA
RFIN Input Signal Voltage
VRFIN
-
1
-
V
Reference Voltage
VIr
-
0.5VDD
-
Bias Input Voltage Of Diode
Vcom
-
2.5
-
V
Input Current Of Central Diode B
IDB
0
-
9
μA
Input Current Of Central Diode A
IDA
0
-
9
μA
Input Current Of Central Diode C
IDC
0
-
9
μA
Input Current Of Central Diode D
IDD
0
-
9
μA
Input Current Of Satellite Diode F
IRF
0
-
4.5
μA
Input Current Of Satellite Diode E
IRE
0
-
4.5
μA
PA Port Low Level Input Current
IIL(A)
-
10
-
mA
PA Port High Level Output Current
IOH(A)
-
10
-
mA
PB Port Low Level Input Current
IIL(B)
-
10
-
mA
PB Port High Level Output Current
IOH(B)
-
10
-
mA
LDON Low Level Input Current
ILDON
0
-
2
mA
Audio Load Resistor
RL
The left/right channel
is same
5
-
-
K
Ω
The Max. Audio Voltage
VFS
The left/right channel
is same
0.9
1.1
1.2
V
RAD Current
IRAD
The high/low level is
same
0
1
-
mA
FOC Current
IFOC
The high/low level is
same
0
1
-
mA
SLED Current
ISLED
The high/low level is
same
0
1
-
mA
MOTO Current
IMOTO
The high/low level is
same
0
5
10
mA
Drive Signal Low Level Voltage
VOLDRIVE1
RAD, FOC, SELD
0
-
0.4
V
Drive Signal High Level Voltage
VOHDRIVE1
RAD, FOC, SELD
VDD-0.4
-
VDD
V
Moto Low Level Output Voltage
VOLmoto
0
-
1.0
V
Moto High Level Output Voltage
VOHmoto
VDD-1
-
VDD
V
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com