Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC46166 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC46166
Description  300mA ,500KHZ HIGH EFFICIENCY STEP-UP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC46166 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC46166 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SC46166
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2008.07.04
Http://www.silan.com.cn
Page 3 of 11
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
Power Saving Mode Current
Threshold
Iload
L=4.7
μH
--
7.5
--
mA
Line Regulation
V
△ LINE
1V≤VIN≤3 V
--
2
10
mV/V
Load Regulation
V
△ LOAD
1mA≤ IL ≤100mA
--
0.1
1
mV/mA
Switching Frequency
Fs
--
450
500
550
KHz
Max Duty Cycle
DMAX
FB=1.2V
90
95
--
%
NMOS Switch On Resistance
RON
VDD=3.3V
--
0.4
0.5
Ω
NMOS Switch Leakage
Ileak
VLX=5V
--
0.1
1
μA
NMOS Current Limit
ILIMIT
0.75
1
1.25
A
EN Input High
VH
--
1
--
--
V
EN Input Low
VL
--
--
--
0.35
V
Thermal Shutdown Temperature
Tj(sd)
--
--
150
--
°C
Thermal Shutdown Hysterises
Thyst
--
--
20
--
°C
PIN CONFIGURATION
PIN DESCRIPTION
Pin No.
SC46166
SC46166S
Pin Name
I/O
Pin Description
1
1
EN
I
Chip Enable (Active High)
2
—
NC
—
Not connect
3
5
GND
G
Ground
4
4
LX
I/O
Switch Pin. Connect inductor between LX and VIN
5
2
VDD
P
Power Supply Pin of SC46166
6
3
FB
I
Feedback Input Pin
FUNCTION DESCRIPTION
The SC46166 is a 500kHz, asynchronous boost converter housed in a compact package, includes a voltage
reference, error amplifier, ramp generator, current comparator, slope compensation, current sense and driver.
The low start-up function allows SC46166 operating from an input voltage below 1V, 0.85V typically at VDD. In



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com