Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC46166S Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC46166S
Description  300mA ,500KHZ HIGH EFFICIENCY STEP-UP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC46166S Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC46166S Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SC46166
The inductor current ripple is typically set for 20% to 40% of the maximum inductor current (IP). The inductor
should have low ESR (series resistance of the windings) to reduce the power losses, and must be able to handle the
peak inductor current without saturating. To minimize radiated noise, use a shielded bobbin inductor.
Output and Input Capacitor Selection
Low ESR (equivalent series resistance) capacitors should be used to minimize the output voltage ripple.
Multilayer ceramic capacitors are an excellent choice as they have extremely low ESR and are available in small
footprints. A 10
μF to 22μF output capacitor is sufficient for most applications. Larger values may be used to obtain
extremely low output voltage ripple and improve transient response.
Low ESR input capacitors reduce input switching noise and reduce the peak current drawn from the battery. It
follows that ceramic capacitors are also a good choice for input decoupling, and should be located as close as
possible to the device. A 4.7
μF input capacitor is sufficient for virtually any application.
Operating at light loads, a additional feed forward capacitor may be required (for example C1 in the Figure 1)to
maintain acceptable output voltage ripple.
For all the three capacitors above, X5R and X7R dielectric materials are preferred, for their ability to maintain
capacitance over wide voltage and temperature ranges.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2008.07.04
Http://www.silan.com.cn
Page 5 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com