Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4ST330 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4ST330
Description  Low-Voltage / Wide Band Si Hyperabrupt Varactors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4ST330 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4ST330 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4ST330 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4ST330 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4ST330 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4ST330 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Low-Voltage / Wide Band Si Hyperabrupt Varactors
Rev. V7
MA4ST300 Series
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications @ TA = +25 °C
Breakdown Voltage @ IR = 10μA, Vb = 12 V Minimum
Reverse Leakage Current @ VR =10V, IR = 100 nA Maximum
1.
The prefix defines package style, configuration and packaging information. Contact representative for complete part identification.
2.
Capacitance @ 1 MHz
Part No.
CJ0 (pF)
VJ (V)
M
MA4ST320
77.4
11.71
6.51
MA4ST330
33.9
8.91
5.15
MA4ST340
25.3
14.25
7.41
MA4ST350
15.7
14.55
7.26
Part Number
Base
1
RoHS Compliant
Part Number Base
1
Capacitance
Ratio
Q Factor
(pF)
(pF)
f = 1 MHz, VR = 0.5 V
f = 1 MHz
VR = 3.0 V
CT0.5/CT3.0
f = 50 MHz
VR = 2.0 V
Min.
Nom.
Max.
Max.
Typ.
Min.
MA4ST320
MAVR-000320-XXXXXX
48.0
58.0
63.0
19.0
3.2
300
MA4ST330
MAVR-000330-XXXXXX
22.0
26.0
30.0
9.0
3.2
350
MA4ST340
MAVR-000340-XXXXXX
15.0
18.5
21.0
6.5
3.2
350
CT
2
MA4ST350
MAVR-000350-XXXXXX
9.5
11.8
13.5
4.5
3.2
400
Ls
Cp
Cj
Rs
Package
Parasitics
Parasitics:
Cp= 0.15 pF
Ls= 1.4 nH
Intrinsic Diode
Model:
N = 1.1
CJ0=(see table below)
VJ = (see table below)
FC = 0.5
BV = 12.0 V
M = (see table below)
Spice Model
Specifications are subject to change without prior notification



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com