Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC8201 Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC8201
Description  ONE-CELL LI BATTERY PROTECTION CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8201 Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

  SC8201 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SC8201
Over Current State
→Normal State
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.3
2008.06.25
Http://www.silan.com.cn
Page 7 of 10
Charger connection
VOCU
VOCR
VODR
VODL
VDD
CSI
VDD
VSS
VDD
VSS
VCH
VOI2
TOI1
TOI2
Load connection
STATE DIAGRAM OF OPERATION
Abnormal charge
Current condition
(OC=0)
(F)
Over charge condition, (OC=0)
(A)
Normal condition
(OD=OC=1)@
VODL<VDD<VOCU
&
VCH<VCSI<VOI1
(J)
Overdischarge
condition, (OD=0)
(L)
Power down condition
(P)
Charger detect @
Overcharge
Over current Ⅰ,Ⅱ
Or short, (OD=0)
(S)
VCSI<VCH(-0.6V)
&
t>TOC(100ms)
(T)
VCSI>VCH(-0.6V)
(H)
VCSI>VOI1(0.15V)
&
VDD<VOCU(4.35V)
(E)
VDD>VOCU(4.35V)
&
t>TOC(100ms)
(G)
VDD<VOCR(4.15V)
OD=0
VCSI is shorted to VDD (pull-
up to VDD) via resistor
RCSID (300k)
(I)
VDD<VODL(2.4V)
&
t>TOD(10ms)
( R )
VCSI<VCH(-0.6v)
(N)
VDD>VODR(3.0v)
(K)
VCSI>VOI2
(M)
VCH<VCSI<VOI2
(Q)
VDD>VODL
(B)
VCSI>VOI1(0.15V)
&
t>tOI1(10ms)
( C )
VCSI>VOI2
&
t>TOI2(5 s)
(D)
Load
resistor
>500kΩ
OD=0
IDD≤IPD(0.3 A)
VCSI is shorted to VDD
(pull-up to VDD) via resistor
RCSID (300k)
OD=0
SC8201 operation status diagram
Release overdischarge
Trickle charging by
automatic charging



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com