Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST6206FS23RG Datasheet(PDF) 3 Page - Stanson Technology

Part # ST6206FS23RG
Description  Low ESR Low Drop Out Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST6206FS23RG Datasheet(HTML) 3 Page - Stanson Technology

  ST6206FS23RG Datasheet HTML 1Page - Stanson Technology ST6206FS23RG Datasheet HTML 2Page - Stanson Technology ST6206FS23RG Datasheet HTML 3Page - Stanson Technology ST6206FS23RG Datasheet HTML 4Page - Stanson Technology ST6206FS23RG Datasheet HTML 5Page - Stanson Technology ST6206FS23RG Datasheet HTML 6Page - Stanson Technology ST6206FS23RG Datasheet HTML 7Page - Stanson Technology ST6206FS23RG Datasheet HTML 8Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ST6206
Low ESR Low Drop Out Voltage Regulators
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST6206 2007. Rev. 1
APPLCATION CIRCUT
BLOCK DIAGRAM
ABSOULTE MAXIMUM RATINGS (TA=25℃ Unless otherwise specified)
Parameter
Symbol
Value
Unit
Input Voltage
VIN
7
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS-0.3V~VIN+0.3V
mA
Thermal Resistance
ӨJA
SOT-23-3L
SOT-323
105
105
℃
/W
Power Dissipation
PD SOT-23-3L
SOT-323
330
330
mW
Operation Junction Temperature
Range
TJ
-40 ~ +85
℃
Storgae Temperature Range
TSTG
-55 ~ +125
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com