Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS7656AS Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDMS7656AS
Description  N-Channel PowerTrench짰 SyncFET??30 V, 49 A, 1.8 m廓
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS7656AS Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDMS7656AS Datasheet HTML 1Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 2Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 3Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 4Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 5Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 6Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 7Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDMS7656AS Rev.C
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25 °C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 1 mA, VGS = 0 V
30
V
∆BV
DSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 10 mA, referenced to 25 °C
19
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
500
µA
IGSS
Gate to Source Leakage Current, Forward
VGS = 20 V, VDS = 0 V
100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 1 mA
1.2
1.6
3.0
V
∆V
GS(th)
∆T
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 10 mA, referenced to 25 °C
-5
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 30 A
1.3
1.8
m
Ω
VGS = 7 V, ID = 27 A
1.5
1.9
VGS = 4.5 V, ID = 25 A
1.6
2.0
VGS = 10 V, ID = 30 A, TJ = 125 °C
1.8
2.5
gFS
Forward Transconductance
VDS = 5 V, ID = 30 A
161
S
Ciss
Input Capacitance
VDS = 15 V, VGS = 0 V,
f = 1 MHz
6545
8705
pF
Coss
Output Capacitance
2465
3280
pF
Crss
Reverse Transfer Capacitance
210
315
pF
Rg
Gate Resistance
0.5
1.1
Ω
td(on)
Turn-On Delay Time
VDD = 15 V, ID = 30 A,
VGS = 10 V, RGEN = 6 Ω
22
35
ns
tr
Rise Time
12
21
ns
td(off)
Turn-Off Delay Time
50
80
ns
tf
Fall Time
713
ns
Qg
Total Gate Charge
VGS = 0 V to 10 V
VDD = 15 V,
ID = 30 A
95
133
nC
Qg
Total Gate Charge
VGS = 0 V to 4.5 V
43
60
nC
Qgs
Gate to Source Charge
18.2
nC
Qgd
Gate to Drain “Miller” Charge
9.1
nC
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = 2 A
(Note 2)
0.37
0.7
V
VGS = 0 V, IS = 30 A
(Note 2)
0.74
1.2
trr
Reverse Recovery Time
IF = 30 A, di/dt = 300 A/µs
50
81
ns
Qrr
Reverse Recovery Charge
84
136
nC
Notes:
1. RθJA is determined with the device mounted on a 1 in
2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθCA is determined by
the user's board design.
2. Pulse Test: Pulse Width < 300
µs, Duty cycle < 2.0%.
3. EAS of 242 mJ is based on starting TJ = 25 °C, L = 1 mH, IAS = 22 A, VDD = 27 V, VGS = 10 V. 100% test at L = 0.3 mH, IAS = 34 A.
4. As an N-ch device, the negative Vgs rating is for low duty cycle pulse occurrence only. No continuous rating is implied.
a. 50 °C/W when mounted on a
1 in2 pad of 2 oz copper.
b. 125 °C/W when mounted on a
minimum pad of 2 oz copper.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com