Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB214B Datasheet(PDF) 23 Page - Summit Microelectronics, Inc.

Part # SMB214B
Description  High-power, Three-channel Programmable DC-DC System Power Managers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB214B Datasheet(HTML) 23 Page - Summit Microelectronics, Inc.

Back Button SMB214B Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 21Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 26Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
SMB214A/B/C
Summit Microelectronics, Inc
2128 2.0 6/20/2008
23
I2C PROGRAMMING INFORMATION (CONTINUED)
GRAPHICAL USER INTERFACE (GUI)
Device configuration utilizing the Windows based
SMB214A/B/C graphical user interface (GUI) is highly
recommended. The software is available from the
Summit website (http://www.summitmicro.com ). Using
the GUI in conjunction with this datasheet, simplifies
the process of device prototyping and the interaction
of the various functional blocks. A programming
Dongle (SMX3202) is available from Summit to
communicate with the SMB214A/B/C. The Dongle
connects directly to the parallel port of a PC and
programs the device through a cable using the I
2C bus
protocol. See figure 8 and the SMX3220 Data Sheet.
Slave
Address
Register Type
Configuration Registers are located in
00 HEX thru 9FHEX
General-Purpose Memory Block 0 is
located in A0 HEX thru BFHEX
0000000BIN
to
1111111BIN
General-Purpose Memory Block 1 is
located in C0 HEX thru FFHEX
Table 1 – Possible address bytes used by the SMB214A/B/C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com