Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMM766B Datasheet(PDF) 5 Page - Summit Microelectronics, Inc.

Part # SMM766B
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM766B Datasheet(HTML) 5 Page - Summit Microelectronics, Inc.

  SMM766B Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
SMM766B
Summit Microelectronics, Inc
2122 3.0 5/5/2008
5
PIN DESCRIPTIONS
Pin
Number
Pin
Type
Pin Name
Pin Description
1
DATA
SDA
SDA (Serial Data) is an open drain bi-directional pin used as the I
2C data
line.
2
CLK
SCL
SCL (Serial Clock) is an open drain input pin used as the I
2C Clock line.
3
IN
A2
The A2 (Address bit 2) pin is biased either to VDD_CAP or GND. When
communicating with the SMM766B over the 2-wire I
2C bus, A2 provides a
mechanism for assigning a unique bus address.
4
IN
MR#
MR# (Manual Reset) is an active low input. When asserted the RST# output
will become active. When de-asserted the RST# output will go inactive
immediately after a reset timeout period (tRTO) if there are no RST# trigger
sources active. This timeout period makes it suitable to use as a pushbutton
for manual reset purposes.
5
I/O
PWR_ON
PWR_ON (Power On) is an open drain bi-directional pin. On the rising edge
of PWR_ON the part will sequence the supplies on, during the falling edge
the part will sequence the supplies off. This pin must be tied high through an
external pull-up resistor.
Note: The SMM766B does not monitor for faults during power-on/off
sequencing.
6
I/O
FS#
FS# (Force Shutdown) is an open drain active low bi-directional pin. FS# is
used to immediately turn off all converter enable signals (PUP outputs) when
a fault is detected. Whenever FS# is asserted PWR_ON will automatically be
pulled low as well. This pin must be tied high through an external pull-up
resistor.
7
OUT
FAULT#
The FAULT# pin is an active low open drain output.
Active when a
programmed fault condition exists on AIN1, AIN2, or the internal temperature
sensor. When used, FAULT# should be pulled high through an external pull-
up resister.
8
OUT
HEALTHY
HEALTHY is an active high open drain output. Active when all programmed
power supply inputs and monitored inputs are within OV and UV limits and
ADOC has begun. When used, HEALTHY should be pulled high through an
external pull-up resistor.
9
OUT
RST#
RST# (Reset) is an active low open drain output pin.
Active when a
programmed fault condition exists on any power supply inputs or monitored
inputs, when MR# is active, or when ADOC is not ready. RST# has a
programmable timeout period with options for 0.64ms, 25ms, 100ms and
200ms. When used, RST# should be pulled high through an external pull-up
resistor.
10
IN
AIN1
AIN1 (Analog Input 1) is a general-purpose monitored analog input.
11
IN
AIN2
AIN2 (Analog Input 2) is a general-purpose monitored analog input.
12
GND
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com