Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA43592 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA43592
Description  Silicon Step Recovery Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA43592 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA43592 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA43592 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA43592 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA43592 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA43592 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Silicon Step Recovery Diodes
Rev. V5
MA43000, MA44600 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications @ TA = +25 °C
Part Number
1
Minimum Reverse
Voltage
2 (V
R)
Junction
Capacitance(Cj)
3
Min./Max.
Minimum
Lifetime (TL)
Vr=6V
If=10mA/
Ir=6mA
(V)
(pF)
(nS)
(pS)
(pS)
Nominal
Max.
MA44621A
20
0.200-0.300
7
50
100
MA44631A
30
0.300-0.500
8
70
100
MA44631C
30
0.700-0.900
8
70
100
MA44641A
40
0.400-0.600
12
90
150
Transition Time (Ts)
4
Snap Varactors
1.
When ordering, specify the desired case style by adding the case designation as a suffix to the model number. Case styles for the
MA44600 series are -30,-91 and –93. To order chip form, add the suffix “-134” to the model number. The nominal chip size for the
MA44600 series is 15 mils.
2.
Reverse voltage (VR) is measured at a reverse bias current of 10µA.
3.
Junction capacitance is measured at a reverse voltage of 6V and a frequency of 1MHz.
4.
Transition time is measured between 20% and 80% points on the voltage recovery trace. Test conditions are +10mA and –10 volts.
Specifications Subject to Change Without Notice.
High Power Circuit Tested Step Recovery Diodes
Part Number
1
Minimum
Reverse
Voltage
2
(VR)
Min./Max.
Junction
Capacitance
(Cj)
3
Min./Max.
Lifetime
(TL)
Min./Max.
Maximum
Snap Time
(Ts)
4
Maximum
Thermal
Resistance
(
θjc)
Vr=6V
If=10mA/
Ir=6mA
(V)
(pF)
(nS)
(pS)
(°C/W)
MA43000
85-105
3.00-4.50
250-500
100
12
MA43002
45-70
1.60-2.40
75-225
100
25
MA43004
30-45
0.45-0.85
20-50
100
45
Part Number
1
Case Style
1
Minimum
Output Power
Input
Frequency
Output
Frequency
Maximum
Input Power
(Watts)
(GHz)
(GHz)
(Watts)
MA43000
103
4.0
0.333
2.000
15
MA43002
91
1.5
2.000
6.000
5
MA43004
91
0.3
3.300
13.000
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com