Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWCC0006 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWCC0006
Description  GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWCC0006 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWCC0006 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWCC0006 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWCC0006 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWCC0006 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWCC0006 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GaAs SP6T Switch, Absorptive, Single Supply
DC - 4.0 GHz
Rev. V4
MASWCC0006
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Insertion Loss
RFC-RF1, 2, 3, 4, 5, 6
DC - 3.0 GHz
3.0 - 4.0 GHz
dB
dB
—
—
—
—
2.1
2.4
Isolation
—
DC - 4.0 GHz
dB
25
—
—
VSWR
On (RFC, RF1-RF6)
Logic per Truth Table
Off (RF1-RF6)
Logic per Truth Table
DC - 4.0 GHz
DC - 4.0 GHz
Ratio
Ratio
—
—
—
—
2.0:1
2.0:1
1 dB Compression
—
—
50 MHz
0.5 - 4.0 GHz
dBm
dBm
—
—
15
27
—
—
Input IP3
Two-tone inputs up to +5 dBm
50 MHz
0.5-4.0 GHz
dBm
dBm
—
—
30
40
—
—
Switching Speed
Ton (50% Control to 90% RF)
—
ns
—
20
—
Toff (50% Control to 10% RF)
—
ns
—
15
—
Trise (10% to 90% RF)
—
ns
—
5
—
Tfall (90% to 10% RF)
—
ns
—
2
—
Vcc
—
—
V
4.5
5.0
5.5
VIL
VIH
LOW-level input voltage
HIGH-level input voltage
—
—
V
V
0.0
2.0
—
—
0.8
5.0
lin (Input Leakage Current)
Vin = VCC or GND
—
uA
-1.0
—
1.0
Icc5,7
Vcc min to max, Logic “0” or “1”
—
mA
—
5
8
Switching Noise
Generated from
DC-DC Converter with
recommended capacitors
3.5 MHz
dBm
—
-93
—
Turn-on Current6
For guaranteed start-up
—
mA
—
—
125
Thermal Resistance θjc
—
—
°C/W
—
15
—
Icc8
(Quiescent Supply Current)
Vcntrl = VCC or GND
—
uA
—
250
400
ΔIcc
(Additional Supply Current
Per TTL Input Pin)
VCC = Max, Vcntrl = VCC - 2.1 V
—
mA
—
—
1.0
5.
During turn-on, the device requires an initial start up current (Icc) specified as “Turn-on Current”. Once operational, Icc will drop to the speci-
fied levels. This is not applicable to dual supply operation.
6.
The DC-DC converter is guaranteed to start in 100 µs as long as the power supplies have the maximum turn-on current available for start-
up.
7.
For single supply operation
8.
For dual supply operation
Control Inputs
Condition of Switch
"0" is TTL Low, "1" is TTL High
C1
C2
C3
C4
C5
C6
RF1
RF2
RF3
RF4
RF5
RF6
1
0
0
0
0
0
On
Off
Off
Off
Off
Off
0
1
0
0
0
0
Off
On
Off
Off
Off
Off
0
0
1
0
0
0
Off
Off
On
Off
Off
Off
0
0
0
1
0
0
Off
Off
Off
On
Off
Off
0
0
0
0
1
0
Off
Off
Off
Off
On
Off
0
0
0
0
0
1
Off
Off
Off
Off
Off
On
RF Common to Each RF Port
Truth Table (Switch)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com