Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0005 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0005
Description  GaAs SPDT Switch 0.05 - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0005 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0005 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0005 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0005 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SPDT Switch
0.05 - 3.0 GHz
Rev. V4
MASWSS0005
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Insertion Loss: 0.35 dB @ 2.4 GHz
• Moderate Isolation: 21 dB @ 2.4 GHz
• Low Current Consumption: 5 µA @ 2.5 V
• Low Cost Plastic SOT-26 Package
Description
M/A-COM’s MASWSS0005 is a GaAs PHEMT
MMIC single pole, double throw (SPDT) switch in a
low cost SOT-26 surface mount plastic package.
The MASWSS0005 is ideally suited for applications
where
small
size
and
low
cost
are
required.
Typical applications are dual band systems which
require switching between small signal components
such as filter banks, single-band LNAs, converters,
etc. This part can be used for low power, low loss
requirements in all systems operating up to 3 GHz,
including PCS, GSM, DCS, Satellite Radio, Blue
Tooth, and other receive chain applications.
The MASWSS0005 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features full passivation for performance and reliabil-
ity.
Pin Configuration
Pin No.
Function
Description
1
RF1
RF Port 1
2
GND
Ground
3
RF2
RF Port 2
4
V2
Control 2
5
RFC
RF Input
6
V1
Control 1
Functional Schematic
Ordering Information
1
Part Number
Package
MASWSS0005
Bulk Packaging
MASWSS0005TR-3000
3000 piece reel
MASWSS0005SMB
Sample Board
1. Reference Application Note M513 for reel size information.
RF1
GND
RF2
V1
RFC
V2
PIN 1
C=39pF
C=39pF
C=39pF
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power @ 2.5 V Control
+26 dBm
Operating Voltage
+8.5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.


Similar Part No. - MASWSS0005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0005 MACOM-MASWSS0005 Datasheet
178Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
MASWSS0005SMB MACOM-MASWSS0005SMB Datasheet
178Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
MASWSS0005TR-3000 MACOM-MASWSS0005TR-3000 Datasheet
178Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
More results

Similar Description - MASWSS0005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-485 MACOM-SW-485 Datasheet
99Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
MASWSS0005 MACOM-MASWSS0005 Datasheet
178Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
logo
NEC
UPG2408TB NEC-UPG2408TB Datasheet
112Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
UPG2408TK NEC-UPG2408TK Datasheet
112Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
logo
M/A-COM Technology Solu...
SW-485 MA-COM-SW-485 Datasheet
116Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
logo
California Eastern Labs
UPG2408TK CEL-UPG2408TK Datasheet
503Kb / 11P
0.05 to 3.0 GHz SPDT SWITCH
UPG2408TB CEL-UPG2408TB Datasheet
720Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
UPG2408TB CEL-UPG2408TB_09 Datasheet
720Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
PG2408TK RENESAS-PG2408TK Datasheet
241Kb / 14P
0.05 to 3.0 GHz SPDT SWITCH
PG2408TB RENESAS-PG2408TB_15 Datasheet
241Kb / 14P
0.05 to 3.0 GHz SPDT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com