Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF2000 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FPF2000
Description  IntelliMAX??Advanced Load Management Products
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2000 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FPF2000 Datasheet HTML 1Page - Fairchild Semiconductor FPF2000 Datasheet HTML 2Page - Fairchild Semiconductor FPF2000 Datasheet HTML 3Page - Fairchild Semiconductor FPF2000 Datasheet HTML 4Page - Fairchild Semiconductor FPF2000 Datasheet HTML 5Page - Fairchild Semiconductor FPF2000 Datasheet HTML 6Page - Fairchild Semiconductor FPF2000 Datasheet HTML 7Page - Fairchild Semiconductor FPF2000 Datasheet HTML 8Page - Fairchild Semiconductor FPF2000 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.fairchildsemi.com
FPF2000-FPF2007 Rev. H
Typical Application Circuit
Functional Block Diagram
Pin Configuration
Pin Description
Pin
Name
Function
1VOUT
Switch Output: Output of the power switch
2
GND
Ground
3FLAGB
Fault Output: Active LO, open drain output which indicates an over current, supply under
voltage or over temperature state.
4
ON
On Control Input
5VIN
Supply Input: Input to the power switch and the supply voltage for the IC
OFF ON
ON
VIN
GND
FPF2000 - FPF2007
FLAGB
VOUT
TO LOAD
UVLO
THERMAL
SHUTDOWN
CURRENT
LIMIT
CONTROL
LOGIC
VIN
ON
VOUT
FLAGB
GND
VOUT
GND
FLAGB
ON
VIN
SC70-5
1
2
34
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com