Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT6164AIP Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT6164AIP
Description  Digital Line Interface Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT6164AIP Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT6164AIP Datasheet HTML 2Page - Exar Corporation XRT6164AIP Datasheet HTML 3Page - Exar Corporation XRT6164AIP Datasheet HTML 4Page - Exar Corporation XRT6164AIP Datasheet HTML 5Page - Exar Corporation XRT6164AIP Datasheet HTML 6Page - Exar Corporation XRT6164AIP Datasheet HTML 7Page - Exar Corporation XRT6164AIP Datasheet HTML 8Page - Exar Corporation XRT6164AIP Datasheet HTML 9Page - Exar Corporation XRT6164AIP Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
XRT6164A
9
Rev. 3.0.1
16 LEAD SMALL OUTLINE
(300 MIL JEDEC SOIC)
Rev. 1.00
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.093
0.104 2.35
2.65
A 1
0.004
0.012 0.10
0.30
B
0.013
0.020 0.33
0.51
C
0.009
0.013 0.23
0.32
D
0.398
0.413 10.10
10.50
E
0.291
0.299 7.40
7.60
e
0.050 BSC
1.27 BSC
H
0.394
0.419 10.00
10.65
L
0.016
0.050 0.40
1.27
α
0°
8°
0°
8°
Note: The control dimension is the millimeter column



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com