Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC2201 Datasheet(PDF) 2 Page - Transcom, Inc.

Part # TC2201
Description  Plastic Packaged Low Noise PHEMT GaAs FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC2201 Datasheet(HTML) 2 Page - Transcom, Inc.

  TC2201 Datasheet HTML 1Page - Transcom, Inc. TC2201 Datasheet HTML 2Page - Transcom, Inc. TC2201 Datasheet HTML 3Page - Transcom, Inc. TC2201 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TC2201
REV4_20070504
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 4
TYPICAL SCATTERING PARAMETERS (TA=25
°°°°C)
VDS = 4 V, IDS = 25 mA
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.7533
-82.10
5.8916
113.12
0.0859
43.82
0.4839
-54.70
3
0.6364
-112.71
4.8047
89.78
0.1056
30.65
0.4017
-73.14
4
0.5532
-139.52
4.0041
69.80
0.1186
21.68
0.3378
-87.89
5
0.5000
-164.62
3.4244
52.15
0.1288
13.94
0.2851
-101.66
6
0.4738
170.81
2.9889
35.68
0.1373
7.11
0.2373
-117.05
7
0.4758
147.55
2.6546
20.03
0.1457
0.62
0.1922
-135.22
8
0.4993
127.04
2.3605
5.53
0.1530
-4.93
0.1572
-159.54
9
0.5470
108.29
2.1342
-9.88
0.1612
-12.31
0.1453
164.90
10
0.5944
89.06
1.9251
-24.84
0.1688
-19.81
0.1859
130.54
11
0.6526
74.32
1.7184
-39.43
0.1741
-28.26
0.2586
107.73
12
0.6960
61.35
1.5301
-53.55
0.1752
-36.56
0.3416
92.13
13
0.7377
50.52
1.3506
-66.92
0.1737
-44.72
0.4175
79.61
14
0.7730
42.23
1.1924
-78.45
0.1721
-50.95
0.4820
71.77
15
0.8017
34.20
1.0451
-89.52
0.1687
-57.89
0.5343
64.55
16
0.8164
27.35
0.9270
-99.93
0.1662
-63.83
0.5688
57.79
17
0.8308
23.01
0.8452
-108.84
0.1679
-69.81
0.5912
53.85
18
0.8402
20.69
0.7873
-116.75
0.1692
-75.99
0.6171
51.95
10.0
5.
0
3.
0
4.
0
-0
.2
-0
.4
Swp Max
18GHz
Swp Min
2GHz
S11
0
15
30
15
0
165
-180
-165
-1
50
-3
0
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
0.25
0.0625
Per Div
S12
0
15
30
150
165
-180
-165
-150
-30
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
8
2
Per Div
S21
10.0
5.
0
3.
0
4.
0
-0
.2
-0
.4
Swp Max
18GHz
Swp Min
2GHz
S22



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com