Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX-702-ECT-KMM Datasheet(PDF) 2 Page - Vectron International, Inc

Part # FX-702-ECT-KMM
Description  Low Jitter VCSO Frequency Translator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-702-ECT-KMM Datasheet(HTML) 2 Page - Vectron International, Inc

  FX-702-ECT-KMM Datasheet HTML 1Page - Vectron International, Inc FX-702-ECT-KMM Datasheet HTML 2Page - Vectron International, Inc FX-702-ECT-KMM Datasheet HTML 3Page - Vectron International, Inc FX-702-ECT-KMM Datasheet HTML 4Page - Vectron International, Inc FX-702-ECT-KMM Datasheet HTML 5Page - Vectron International, Inc FX-702-ECT-KMM Datasheet HTML 6Page - Vectron International, Inc FX-702-ECT-KMM Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
2 of 7
1. See Standard Frequencies and Ordering Information.
2. Parameters are tested with production test circuit below (Fig 1).
3. Parameters are tested at ambient temperature with test limits guard banded for specified operating temperature.
4. Measured from 20% to 80% of a full output swing (Fig 2).
5. Not tested in production, guaranteed by design, verified at qualification.
6. Minimum Input Low Voltage not to exceed 2.125 V. Minimum Input High Voltage not to go below 1.49 V.
7. AC coupling is recommended. There is an internal pull-up and pull-down resistor on all clock inputs (Fin, BRCLK).
Figure 1. LVPECL Test Circuit
Figure 2. 10K LVPECL Waveform
Performance Specifications
Table 1. Electrical Performance
Parameter
Symbol
Min
Typical
Maximum
Units
Frequency 1, 2, 3
Input Frequency
Output Frequency
F
IN
F
OUT
19.44
125
850
850
MHz
MHz
Capture Range (ordering option)1, 2, 3
APR
±32, ±50, or ±100
ppm
Supply
Voltage 2, 3
Current (No Load) 3
V
CC
I
CC
2.97
3.3
3.63
100
V
mA
LVCMOS Input 2, 3
Input High Voltage
Input Low Voltage
V
IH
V
IL
2.0
0
V
CC
0.8
V
V
LVPECL Input
Peal-Peak Amplitude Swing 6, 7
0.20
3.00
V
Lock Detect Output
Output High Voltage
Logic Low Voltage
V
OH
V
OL
0.9*V
CC
0.1*V
CC
V
V
Outputs
Mid Level - LVPECL 2, 3
Swing - LVPECL 2, 3
Mid Level - LVDS 2, 3
Swing - LVDS 2, 3
Current 5
Rise Time 4, 5
Fall Time 4, 5
Symmetry 2, 3
Jitter Generation - 622.08MHz output
(12kHz-20MHz BW) 5
(50kHz - 80MHz BW) 5
I
OUT
t
R
t
F
SYM
Φ
J
Φ
J
V
CC
-1.4
450
250
45
V
CC
-1.25
600
V
CC
-1.2
450
50
0.21
0.12
V
CC
-1.0
950
20
400
400
55
0.5
0.4
V
mV-pp
V
mV-pp
mA
ps
ps
%
ps-rms
ps-rms
Operating Temp (ordering option) 1, 3
T
OP
0/70, -40/85
0C
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Rev: 03Apr2009



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com