Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX-2600-NET-FA Datasheet(PDF) 4 Page - Vectron International, Inc

Part # PX-2600-NET-FA
Description  Crystal Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-2600-NET-FA Datasheet(HTML) 4 Page - Vectron International, Inc

  PX-2600-NET-FA Datasheet HTML 1Page - Vectron International, Inc PX-2600-NET-FA Datasheet HTML 2Page - Vectron International, Inc PX-2600-NET-FA Datasheet HTML 3Page - Vectron International, Inc PX-2600-NET-FA Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
PX - 260 0 - N C T - F K X S - 10M0000000
Product Family
PX: PXO
Package
20 x 24 mm
Height
0: A 0.2”
Supply Voltage
A: 15 Vdc
N: -5.2 Vdc
R: -4.5 Vdc
Accuracy Code
B: ±10ppm
D: ±15ppm
F: ±25ppm
K: ±50ppm
Frequency
Screening Option
S: “S” Level screening
B: “B” Level screening
X: No Screening
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 11/25/2008 daf
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
RF Output Code
C: ECL, PECL
E: Sinewave (+7 dBm)
Temperature Range
A: -55°C to +85°C
C: -55°C to +125°C
P: 0°C to +50°C
T: 0°C to +70°C
Notes:
Contact factory for improved stabilities or additional product options. Not all options and codes are available at all
1.
frequencies.
Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency
2.
control voltage, load, temperature (25°C).
Phase noise degrades with increasing output frequency.
3.
Subject to technical modi cation.
4.
Contact factory for availability.
5.
Temp Stability Code
A: ±5ppm
B: ±10ppm
F: ±25ppm
K: ±50ppm
S: ±100ppm
Enable Code
X: No Option



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com