Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS7905 Datasheet(PDF) 5 Page - Intersema Sensoric SA

Part # MS7905
Description  PRESSURE SENSOR DIE (0-5 BAR)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS7905 Datasheet(HTML) 5 Page - Intersema Sensoric SA

  MS7905 Datasheet HTML 1Page - Intersema Sensoric SA MS7905 Datasheet HTML 2Page - Intersema Sensoric SA MS7905 Datasheet HTML 3Page - Intersema Sensoric SA MS7905 Datasheet HTML 4Page - Intersema Sensoric SA MS7905 Datasheet HTML 5Page - Intersema Sensoric SA  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DA7905_002.doc
May 6, 2009
5/5
000079051052
ECN 1186
ORDERING INFORMATION
Product Code
Type
Product
Art.-Nr.
MS7905-A_0.2
Absolute
5 bar Pressure Sensors 0.2 mm Pyrex sawn on b/f
790525022
MS7905-A_0.5
Absolute
5 bar Pressure Sensors 0.5 mm Pyrex sawn on b/f
790525021
MS7905-D
Differential
5 bar Pressure Sensors sawn on b/f
790525121
MS7905-S
Differential
5 bar Pressure Sensors no Pyrex sawn on b/f
790525221
The MS7905 dice are supplied sawn on blue foil, mounted on plastic rings.
FACTORY CONTACTS
Factory and European Sales office
Intersema Sensoric SA
Phone:
+41 32 847 9550
Ch. Chapons-des-Prés 11
Fax:
+41 32 847 9569
CH-2022 Bevaix
e-mail:
Switzerland
Website: www.intersema.ch
USA
Measurement Specialties Inc.
Phone:
+1 800 555 1551
1000 Lucas Way
Fax:
+1 757 766 4297
Hampton, VA 23666
e-mail:
sales@meas-spec.com
USA
Website: www.meas-spec.com
ASIA
Measurement Specialties (China), Ltd. Phone:
+86 755 8330 1004
F1.6-4D, Tian An Development
Fax:
+86 755 8330 6797
Compound
e-mail:
pfc.cs.asia@meas-spec.com
Shenzhen, China 518048
Website: www.meas-spec.com
NOTICE
Intersema reserves the right to make changes to the products contained in this data sheet in order to improve the design or performance
and to supply the best possible products. Intersema assumes no responsibility for the use of any circuits shown in this data sheet, conveys
no license under any patent or other rights unless otherwise specified in this data sheet, and makes no claim that the circuits are free from
patent infringement. Applications for any devices shown in this data sheet are for illustration only and Intersema makes no claim or
warranty that such applications will be suitable for the use specified without further testing or modification.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com