Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAMDCC0002 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAMDCC0002
Description  Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMDCC0002 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAMDCC0002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vector Modulator,
1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
Rev. V3
MAMDCC0002
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Operates 1.805 to 1.88 GHz (DCS)
• Operates 1.93 to 1.99 GHz (PCS)
• Low Amplitude Ripple
• Linear Phase
• 50 Ohm Nominal Impedance
• Continuously Variable Across a Full 360 degree
range
• Test Boards Available
• 4x6 mm PQFN Package
Description
M/A-COM's MAMDCC0002 is a Vector Modulator
that significantly reduces the required board space
compared to hybrid solutions. The monolithic pas-
sive elements will lead to greater repeatability lot-to-
lot. Low amplitude ripple will provide superior per-
formance. High intercept and compression points will
contribute to more linear system performance.
MAMDCC0002 is ideally suited for wireless infra-
structure applications.
M/A-COM’s MADRCC0002 Dual Linearizer is de-
signed to simplify the control of Vector Modulators.
See Figure 1 and App Note AN3001.
Ordering Information
Part Number
Package
MAMDCC0002
Bulk Packaging
MAMDCC0002TR
1000 piece reel
MAMDCC0002-DC000
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin Configuration
Pin No.
Function
Pin No.
Function
1
NC
17
NC
2
NC
18
NC
3
NC
19
NC
4
NC
20
NC
5
NC
21
NC
6
NC
22
NC
7
NC
23
NC
8
NC
24
BIAS 2B
9
BIAS 1A
25
NC
10
NC
26
GND
11
GND
27
RF OUT
12
RF IN
28
GND
13
GND
29
NC
14
NC
30
BIAS 1B
15
BIAS 2A
31
NC
16
NC
32
NC
The exposed pad centered on the package bottom must be
connected to RF and DC ground. (For PQFN Packages)


Similar Part No. - MAMDCC0002

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMDCC0002 MA-COM-MAMDCC0002 Datasheet
161Kb / 7P
PIN diode Vector Modulators - Fundamentals and Drive Requirements
logo
Tyco Electronics
MAMDCC0002-DC000 MACOM-MAMDCC0002-DC000 Datasheet
340Kb / 5P
Dual Linear Driver for Vector Modulators
logo
M/A-COM Technology Solu...
MAMDCC0002-DC000 MA-COM-MAMDCC0002-DC000 Datasheet
136Kb / 7P
Dual Linear Driver for Vector Modulators
MAMDCC0002-DC000 MA-COM-MAMDCC0002-DC000 Datasheet
680Kb / 8P
Dual Linear Driver for Vector Modulators
More results

Similar Description - MAMDCC0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SA90-0001 MACOM-SA90-0001 Datasheet
365Kb / 5P
Vector Modulator, 1.94 to 2.24 GHz
logo
Analog Devices
AD8341 AD-AD8341 Datasheet
556Kb / 20P
1.5 GHz to 2.4 GHz RF Vector Modulator
7/04-Revision 0
logo
List of Unclassifed Man...
SA1070 ETC1-SA1070 Datasheet
583Kb / 2P
TDMA 8-Watt 1.93 GHz to 1.99 GHz Linear Power Amplifier Module
SA1056 ETC-SA1056 Datasheet
231Kb / 2P
CDMA 1.5-Watt 1.93 GHz to 1.99 GHz Linear Power Amplifier Module
logo
M/A-COM Technology Solu...
SA90-0001 MA-COM-SA90-0001 Datasheet
169Kb / 5P
Vector Modulator, 1.94 to 2.24 GHz
MAIA-007100-000100 MA-COM-MAIA-007100-000100 Datasheet
141Kb / 5P
Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
MAIA-007143-000100 MA-COM-MAIA-007143-000100 Datasheet
183Kb / 6P
Vector Modulator, 1.94 to 2.34 GHz
MAIA-007150-000100 MA-COM-MAIA-007150-000100 Datasheet
179Kb / 5P
Vector Modulator, 1.94 to 2.24 GHz
logo
ANADIGICS, Inc
AWB7123 ANADIGICS-AWB7123 Datasheet
532Kb / 9P
1.93 GHz through 1.99 GHz Small-Cell Power Amplifier Module
Rev 1.3
logo
Pulse A Technitrol Comp...
W3022 PULSE-W3022 Datasheet
1Mb / 3P
1.88-1.93 GHz DECT Ceramic Antenna
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com