Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC2F35 Datasheet(PDF) 30 Page - Megawin Technology Co., Ltd

Part # MPC2F35
Description  Low-speed USB micro-controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC2F35 Datasheet(HTML) 30 Page - Megawin Technology Co., Ltd

Back Button MPC2F35 Datasheet HTML 26Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 27Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 28Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 29Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 30Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 31Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 32Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 33Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 34Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
30
MPC2F35_USB Data Sheet
MEGAWIN
TXCNT: Transmit FIFO Byte-Count Register (Endpoint-Indexed)
Write Only
Address: 36H
Default: XXXX_XXXX
System Reset or USB Reset
Bit
Number
Bit
Mnemonic
Function
7
-
Reserved:
Write zero to this bit.
6
-
Reserved:
Write zero to this bit.
5
-
Reserved:
Write zero to this bit.
4
-
Reserved:
Write zero to this bit.
3
TXBC3
Transmit Byte Count Bit 3:
Store transmit byte count. Maximum is 8 bytes.
2
TXBC2
Transmit Byte Count Bit 2:
Store transmit byte count. Maximum is 8 bytes.
1
TXBC1
Transmit Byte Count Bit 1:
Store transmit byte count. Maximum is 8 bytes.
0
TXBC0
Transmit Byte Count Bit 0:
Store transmit byte count. Maximum is 8 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com