Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC89L53AP Datasheet(PDF) 2 Page - Megawin Technology Co., Ltd

Part # MPC89L53AP
Description  8-bit micro-controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC89L53AP Datasheet(HTML) 2 Page - Megawin Technology Co., Ltd

  MPC89L53AP Datasheet HTML 1Page - Megawin Technology Co., Ltd MPC89L53AP Datasheet HTML 2Page - Megawin Technology Co., Ltd MPC89L53AP Datasheet HTML 3Page - Megawin Technology Co., Ltd MPC89L53AP Datasheet HTML 4Page - Megawin Technology Co., Ltd MPC89L53AP Datasheet HTML 5Page - Megawin Technology Co., Ltd MPC89L53AP Datasheet HTML 6Page - Megawin Technology Co., Ltd MPC89L53AP Datasheet HTML 7Page - Megawin Technology Co., Ltd MPC89L53AP Datasheet HTML 8Page - Megawin Technology Co., Ltd MPC89L53AP Datasheet HTML 9Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Features
80C51 Central Processing Unit
15KB on-chip program memory
ISP capability; optional 1KB/2KB/4KB ISP memory shared with application flash memory.
On-Chip 256 bytes scratch-pad RAM and 256 bytes auxiliary RAM; capable of addressing up to
64 K bytes external memory
MOVC-disabling, encrypting, and locking flash memory realize security mechanism.
Three 16-bits timer/counter, Timer2 is an up/down counter with programmable clock output on
P1.0
Eight sources, four-level-priority interrupt capability
Enhanced UART, provides frame-error detection and hardware address-recognition
Dual DPTR for fast-accessing of data memory
15 bits Watch-Dog-Timer with 8-bit pre-scalar, one-time enabled
Power control: Idle mode and Power-Down mode; Power-Down can be woken-up by
P3.2/P3.3/P4.2/P4.3
Low EMI: inhibit ALE emission
Four 8-bit bi-directional ports; extra four-bit additional P4 are available for PLCC-44 and
PQPF-44
On-Chip flash program/data memory:
- The data endurance of the embedded flash gets over 20,000 times.
- Greater than 100 years data rentention under room temperature
Operating Voltage:
- 4.5V~5.5V for MPC89E53A
- 2.4V~3.6V for MPC89L53A, minimum 2.7V requirement in flash write operation (ISP/ICP/…...)
- Built-in Low-Voltage-Reset circuit.
Operating Temperature
- Industrial (-40°C to +85°C)*
Maximum Operating Frequency:
- Optional 12T or 6T mode
- Up to 48MHz@12T or 24MHz@6T, Industrial range
Three package types:
- PDIP 40: MPC89x53AE
- PLCC 44: MPC89x53AP
- PQFP 44: MPC89x53AF
*: Tested by sampling
2
MPC89x53A Data Sheet
MEGAWIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com