Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC680LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC680LP4
Description  BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC680LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC680LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
13 - 58
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
13
HMC680LP4 / 680LP4E
v03.0609
Functional Diagram
The HMC680LP4(E) is a digitally controlled variable
gain amplifier which operates from 30 to 400 MHz,
and can be programmed to provide -4 dB to +19 dB of
gain, in 1 dB steps. The HMC680LP4(E) delivers noise
figure of 5 dB in its maximum gain state, with output
IP3 of up to +40 dBm in any state. This high linearity
DVGA also provides a differential RF output which can
be used to interface directly with SAW filters in Tx and
Rx applications, and with digital to analog converters
in Rx chains. The HMC680LP4(E) is housed in a
RoHS compliant 4x4 mm QFN leadless package, and
is CMOS/ TTL compatible.
Typical Applications
Features
General Description
BiCMOS MMIC 5-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
Electrical Specifications, T
A = +25° C, 50 Ohm System, Vdd = +5V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
30 - 400
MHz
Gain (Maximum Gain State)
17
19
dB
Gain Control Range
23
dB
Input Return Loss
12
dB
Output Return Loss
13
dB
Gain Accuracy: (Referenced to Maximum Gain State) All Gain States
± (0.15 + 3% of Gain Setting) Max.
dB
Output Power for 1dB Compression
23
25
dBm
Output Third Order Intercept Point (Two-Tone Output Power= +5 dBm Each Tone) [1]
40
dBm
Output Second Order Intercept Point (Two-Tone Output Power= +5 dBm Each Tone) [1]
65
dBm
Harmonics
2nd Order
3rd Order
70
75
dBc
dBc
Step Accuracy (Referenced to Maximum Gain State)
±0.2
dB
Noise Figure (max gain state)
5dB
Switching Characteristics
tRise, tFall (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
11
13
ns
ns
Control Supply Current Idd
45
mA
Amp Supply Current (RFOUTP)
122
135
mA
Amp Supply Current (RFOUTN)
122
135
mA
[1] Test frequency 50 MHz
The HMC680LP4(E) is ideal for:
• Cellular/3G Infrastructure
• WiBro / WiMAX / 4G
• Microwave Radio & VSAT
• Test Equipment and Sensors
• IF & RF Applications
TTL/CMOS compatible parallel or latched
parallel control interface
High Output IP3: +40 dBm (At all gain settings)
Low Noise Figure: 5 dB
Wide Gain Control Range: 23 dB
24 Lead 4x4 mm SMT Package: 16 mm2
Excellent State & Step Accuracy (±0.05 dB)


Similar Part No. - HMC680LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC680LP4 HITTITE-HMC680LP4 Datasheet
609Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
logo
Analog Devices
HMC680LP4 AD-HMC680LP4 Datasheet
548Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC680LP4E HITTITE-HMC680LP4E Datasheet
609Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
HMC680LP4 HITTITE-HMC680LP4_10 Datasheet
609Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
More results

Similar Description - HMC680LP4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
MMIC variable gain amplifier
1999 Jul 23
logo
Hittite Microwave Corpo...
HMC628LP4 HITTITE-HMC628LP4 Datasheet
624Kb / 14P
BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER, 50 - 800 MHz
HMC680LP4 HITTITE-HMC680LP4_10 Datasheet
609Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
MMIC variable gain amplifier
2001 Feb 05
logo
BeRex Corporation
BVA518 BEREX-BVA518 Datasheet
2Mb / 18P
5-4000 MHz DIGITAL VARIABLE GAIN AMPLIFIER
BVA303 BEREX-BVA303 Datasheet
3Mb / 15P
30-4000 MHz DIGITAL VARIABLE GAIN AMPLIFIER
BVA518 BEREX-BVA518_18 Datasheet
2Mb / 18P
5-4000 MHz DIGITAL VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC628LP4 AD-HMC628LP4 Datasheet
923Kb / 14P
BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER
HMC680LP4 AD-HMC680LP4 Datasheet
548Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Qorvo, Inc
QPB0066 QORVO-QPB0066 Datasheet
1Mb / 15P
Digital Controlled Variable Gain Amplifier (5 - 500 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com